Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 27Page - STMicroelectronics TDA7546TR Datasheet HTML 28Page - STMicroelectronics TDA7546TR Datasheet HTML 29Page - STMicroelectronics TDA7546TR Datasheet HTML 30Page - STMicroelectronics TDA7546TR Datasheet HTML 31Page - STMicroelectronics TDA7546TR Datasheet HTML 32Page - STMicroelectronics TDA7546TR Datasheet HTML 33Page - STMicroelectronics TDA7546TR Datasheet HTML 34Page - STMicroelectronics TDA7546TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
TDA7546
Functional description
31/68
synchronization control. A software reset “ar_res” rds_int[5] can be used to force
resynchronization.
An endless 2 bit block counter (A, B, C or C’, D, A, B...) increments one step if a new RDS
block was received. During synchronization the block counter is set to the first identified
valid RDS block. Then every next RDS block must be of that type which is indicated by the
block counter “blk” rds_qu[3:2]. If this is not true, then the syndrome becomes not zero
(indicated by “synz” bit rds_qu[0]) and the “data_ok” bit rds_corrp[1] is not set. In case of
USA BRDS, four consecutive E blocks can be received which are indicated by the “e” bit
rds_qu[1].
The quality bit counter rds_qu[7:4] counts the bad quality marked RDS bits within a RDS
block.
The group and block synchronization module extracts also TA, TAEON information and
detects blocks types A, B, D (refer to Table 37) which can be used as interrupt sources.
The TA interrupt is performed in two cases: If within block B the group 0A or 0B is indicated
and the TA bit is set or if within block B group 15B is indicated and the TA bit is set. The
TAEON interrupt is performed, if within block B group 14B is indicated and the TA bit is set.
The interrupts can be recognized on the interrupt flag “int” rds_int[0] (refer to Table 37). The
external open drain pin INTN (15) is the inverted version of the “int” flag.
5.2.6
Flywheel mechanism
Figure 7.
Example for flywheel mechanism
Within group and block synchronization control block a 6 bit (64 states) flywheel counter is
implemented to control RDS synchronization. After reset or a forced resynchronization by
setting “ar_res” bit rds_int[5], this counter increments from zero to one, if a valid RDS block
was detected. Valid means the syndrome has to be zero (“synz” = 1 rds_qu[0]) without any
100
0
Signal
quality [%]
63(max)
0
Flywheel
counter
1.)
2.)
3.)
0
0
1
1
data_ok
synch
bne
interrupt
time
time
time
time
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com