Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 30Page - STMicroelectronics TDA7546TR Datasheet HTML 31Page - STMicroelectronics TDA7546TR Datasheet HTML 32Page - STMicroelectronics TDA7546TR Datasheet HTML 33Page - STMicroelectronics TDA7546TR Datasheet HTML 34Page - STMicroelectronics TDA7546TR Datasheet HTML 35Page - STMicroelectronics TDA7546TR Datasheet HTML 36Page - STMicroelectronics TDA7546TR Datasheet HTML 37Page - STMicroelectronics TDA7546TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
Functional description
TDA7546
34/68
The RAM buffer is used as a circular FIFO (Figure 9). If more than 24 blocks are written, the
oldest data will be overwritten. One level of the buffer consists of 4 bytes (2 information
bytes, 2 RDS data bytes). If less than 4 bytes of the RAM buffer are read out from the
master via the SPI or I2C interface, the buffer address will not be incremented.
Figure 10.
RAM buffer states
The different states of the buffer are indicated with the help of following flags:
–
“bne”, buffer not empty. It is set as soon as one RDS block is written in
the buffer, and reset when reading rds_int register. This flag is a bit of
rds_int register, it is also an interrupt source .
–
“bfull”, buffer full. It is set when 24 RDS blocks have been written, that is
to say that there is about 20 ms to read out the buffer content before an
overflow occurs. This flag is an interrupt source.
–
“bovf”, buffer overflow. It is set if more than 24 RDS blocks are written.
This flag is a bit of register rds_corrp (refer to Table 39) and is cleared
only by reading the whole buffer (24 blocks).
bne = 0
bfull = 0
bovf = 0
the read pointer reaches but
doesn't go ahead the write pointer
Rp
Wp
Rp
Wp
the read pointer doesn't go
ahead the write pointer
Rp
bne = 1
bfull = 0
bovf = 0
bne = 0
bfull = 0
bovf = 0
0
Wp
Rp
Wp
Rp
Wp
Rp
the write pointer reaches position
before the read pointer
(24 data written before any read)
the Wp reaches Rp
overflow flag is set
and the first data is
overwritten
Wp
bne = 1
bfull = 0
bovf = 0
bne = 1
bfull = 1
bovf =
1
1
Rp Wp
reset status
Wp
Rp
write next three data into
buffer (internally)
bne = 1
bfull = 0
bovf = 0
Wp
1
Rp
Wp
read three data from buffer
(externally)
bne = 1
bfull = 0
bovf = 0
Rp
13
4
5
6
Note : The read pointer Rp is driven externally through micro read access,
and the write pointer Wp is driven internally on every incoming block.
0
write
Wp
Rp
bne = 1
bfull = 1
bovf = 01
write
Wp and Rp are
moving together
overwriting next data
read
read
bne = 0
bfull = 0
bovf = 0
Rp Wp
write the first data
into buffer (internally)
2
0
1
2
23
22
21
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
3
0
1
2
23
22
21
write
write
read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com