Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 37Page - STMicroelectronics TDA7546TR Datasheet HTML 38Page - STMicroelectronics TDA7546TR Datasheet HTML 39Page - STMicroelectronics TDA7546TR Datasheet HTML 40Page - STMicroelectronics TDA7546TR Datasheet HTML 41Page - STMicroelectronics TDA7546TR Datasheet HTML 42Page - STMicroelectronics TDA7546TR Datasheet HTML 43Page - STMicroelectronics TDA7546TR Datasheet HTML 44Page - STMicroelectronics TDA7546TR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
TDA7546
Software specifications
41/68
Swallow mode: fVCO/fSYN = LSB + MSB + 32
--
--
---
-
-
1
1
1
111
00
MSB = 64768
1
1
1
111
01
MSB = 65024
1
1
1
111
10
MSB = 65280
1
1
1
111
11
MSB = 65536
Table 14.
Addr 2 PLL counter 2 (MSB) (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 15.
Addr 3,4 TV1,2 (offset refered to tuning voltage PIN 28)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0000
000
Tuning Voltage Offset = 0
0000
001
TVO = 25mV
0000
010
TVO = 50mV
-
------
-
-
1111
111
TVO = 3175mV
0-TVO
1+TVO
Table 16.
Addr 5 IF counter control 1
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
0
tSample = 20.48ms (FM)128ms (AM )
00
1
tSample = 10.24ms (FM)64ms (AM )
01
0
tSample = 5.12ms (FM)32ms (AM )
01
1
tSample = 2.56ms (FM)16ms (AM )
10
0
tSample = 1.28ms (FM)8ms (AM )
10
1
tSample = 640μs (FM)4ms (AM )
11
0
tSample = 320μs (FM)2ms (AM)
11
1
tSample = 160μs (FM)1ms (AM )
0
IF counter disable / stand by
1
IF counter enable
0
1
has to be set
0
Disable mute & AGC on hold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com