Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 42Page - STMicroelectronics TDA7546TR Datasheet HTML 43Page - STMicroelectronics TDA7546TR Datasheet HTML 44Page - STMicroelectronics TDA7546TR Datasheet HTML 45Page - STMicroelectronics TDA7546TR Datasheet HTML 46Page - STMicroelectronics TDA7546TR Datasheet HTML 47Page - STMicroelectronics TDA7546TR Datasheet HTML 48Page - STMicroelectronics TDA7546TR Datasheet HTML 49Page - STMicroelectronics TDA7546TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
Software specifications
TDA7546
46/68
t
0
1
1
KAGC threshold 86dB
μV
1
0
0
KAGC threshold 88dB
μV
1
0
1
KAGC threshold 90dB
μV
1
1
0
KAGC threshold 92dB
μV
111
Keying AGC “OFF”
0
has to be “0”
Table 24.
Addr 15 FM AGC (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 25.
Addr 16 not valid
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
1111111
1
has to be set
Table 26.
Addr 17 FM demodulator fine adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00000
0
0mV
00000
1
+8.5mV
00001
0
+17mV
------
-
01111
1
+263.5mV
10000
0
0mV
10000
1
-8.5mV
10001
0
-17mV
------
-
11111
1
-263.5mV
0
0
Spike cancelation ”OFF”
0
1
Threshold for spike cancelation 270mV
1
0
Threshold for spike cancelation 520mV
1
1
Threshold for spike cancelation 750mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com