Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 13Page - STMicroelectronics TDA7546TR Datasheet HTML 14Page - STMicroelectronics TDA7546TR Datasheet HTML 15Page - STMicroelectronics TDA7546TR Datasheet HTML 16Page - STMicroelectronics TDA7546TR Datasheet HTML 17Page - STMicroelectronics TDA7546TR Datasheet HTML 18Page - STMicroelectronics TDA7546TR Datasheet HTML 19Page - STMicroelectronics TDA7546TR Datasheet HTML 20Page - STMicroelectronics TDA7546TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
TDA7546
Electrical specification
17/68
-IIN
Input leakage current
VIN = GND, PDOUT = Tristate
-0.1
0.1
μA
IIN
Input leakage current
VIN = VREF1
PDOUT = Tristate
-0.1
0.1
mA
VOL
Output voltage Low
IOUT = -0.2mA
0.05
0.5
V
VOH
Output voltage High
IOUT = 0.2mA
VCC3-
0.5
VCC3-
0.05
V
IOUT
Output current, sink
VOUT = 1V to VCC3-1V
10
mA
Output current, source
VOUT = 1V to VCC3-1V
-10
mA
Voltage Controlled Oscillator (VCO)
fVCOmin
Minimum VCO frequency (2)
50
MHz
fVCOmax
Maximum VCO frequency (2)
260
MHz
C/N
Carrier to Noise
fVCO= 200MHz, Δf=1KHz,
B=1Hz, closed loop
80
dBc
SSTOP Output (Open Collector)
V24
Output voltage low
I24 = -200μA0.2
0.5
V
Output voltage high
5
V
-I24
Output leakage current
V24 = 5V
-0.1
0.1
μA
I24
Output current, sink
V24 = 0.5V-5V
1
mA
ISSSTATUS Output (Open Drain)
V58
Output voltage low, ISS-Filter
“ON”
I24 = -200μA0.2
0.5
V
Output voltage high, ISS-
Filter “OFF”
5V
-I58
Output leakage current
V24 = 5V
-0.1
0.1
μA
I58
Output current, sink
V24 = 0.5V-5V
300
μA
1.
Guaranteed by design
2.
Depending on external application circuit.
Table 6.
Additional parameters (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com