Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 10Page - STMicroelectronics TDA7546TR Datasheet HTML 11Page - STMicroelectronics TDA7546TR Datasheet HTML 12Page - STMicroelectronics TDA7546TR Datasheet HTML 13Page - STMicroelectronics TDA7546TR Datasheet HTML 14Page - STMicroelectronics TDA7546TR Datasheet HTML 15Page - STMicroelectronics TDA7546TR Datasheet HTML 16Page - STMicroelectronics TDA7546TR Datasheet HTML 17Page - STMicroelectronics TDA7546TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
Electrical specification
TDA7546
14/68
AGC Time Constant Output
V6
Max. AGC output voltage
V3-5 = 0mVRMS
VREF1
+VBE
V
Min. AGC output voltage
V3-5 = 50mVRMS
0.5
V
I6
Min. AGC charge current
V3-5 = 0mVRMS,V10 = 2.5V
-16.5
-12.5
-8.5
μA
Max. AGC discharge current V3-5 = 50mVRMS,V10 = 2.5V
0.9
1.25
1.6
mA
AGC PIN Diode Driver Output
I2
AGC OUT, current min.
V3-5 = 0mVRMS, V2 = 2.5V
9
12
15
μA
AGC OUT, current max.
V3-5 = 50 mVRMS, V2 = 2.5V
-22
-17
-13
mA
I/Q Mixer1 (10.7MHz)
RIN
Input resistance
differential
10
k
Ω
ROUT
Output resistance
differential
100
k
Ω
V3-5
Input dc bias
2.4
2.65
2.9
V
gm
Conversion
transconductance
17
ms
F
Noise figure
400
Ω generator resistance (1)
3dB
CP1dB
1dB compression point
referred to diff. mixer input
100
dB
μV
IIP3
3rd order intermodulation
(1)
122
dB
μV
IQG
I/Q gain adjust
G
-1
+1
%
IQP
I/Q phase adjust
PH
-7
+8
°
IRR
Image rejection ratio
with gain and phase adjust
40
dB
IF1 Amplifier1,2 (10.7MHz)
G1min
Min. gain
IFG, referred to 330
Ω
7.5
9
10.5
dB
G1max
Max. gain
IFG, referred to 330
Ω
13.5
15
16.5
dB
G2min
Min. gain
IFG, referred to 330
Ω
7.5
9
10.5
dB
G2max
Max. gain
IFG, referred to 330
Ω
9.5
11
13.5
dB
RIN
Input resistance
250
330
400
Ω
ROUT
Output resistance
250
330
400
Ω
CP1dB
1dB compression point
referred to 330
Ω input (1)
105
dB
μV
IIP3
3rd order Intermodulation
referred to 330
Ω input (1)
126
dB
μV
Demodulator, Audio Output
THD
Total Harmonic Distortion
dev. = 75kHz, V = Mix2 = 10 mVrms
0.1
%
Table 5.
Tuner (continued)
(Tamb = -40 to +85°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1=8.5V,
fRF = 98.1MHz, dev. = 40KHz, fMOD = 1KHz, fIF1 = 10.7MHz, fIF2 = 450KHz,
fXtal = 10.25MHz, in application circuit, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com