Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 38Page - STMicroelectronics TDA7546TR Datasheet HTML 39Page - STMicroelectronics TDA7546TR Datasheet HTML 40Page - STMicroelectronics TDA7546TR Datasheet HTML 41Page - STMicroelectronics TDA7546TR Datasheet HTML 42Page - STMicroelectronics TDA7546TR Datasheet HTML 43Page - STMicroelectronics TDA7546TR Datasheet HTML 44Page - STMicroelectronics TDA7546TR Datasheet HTML 45Page - STMicroelectronics TDA7546TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
Software specifications
TDA7546
42/68
1
Enable mute & AGC on hold
0
Disable local mode
1
Enable local mode (PIN diode current = 0.5mA) “ON”
Table 16.
Addr 5 IF counter control 1 (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 17.
Addr 6 IF counter control 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0000
fCenter = 10.60625MHz
0
0001
fCenter = 10.61250MHz
---
----
-
-
0
1011
fCenter = 10.67500MHz
0
1100
fCenter = 10.68125MHz
0
1101
fCenter = 10.68750MHz
0
1110
fCenter = 10.69375MHz
0
1111
fCenter = 10.70000MHz
---
----
-
-
1
1111
fCenter = 10.80000MHz
0
0
0
Not valid
0
0
1
Not valid
0
1
0
Not valid
011
Δf = 6.25KHz
100
Δf = 12.5KHz
101
Δf = 25KHz
110
Δf = 50KHz
111
Δf = 100KHz
Table 18.
Addr 7 not valid
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
000
00
has to be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com