Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 19Page - STMicroelectronics TDA7546TR Datasheet HTML 20Page - STMicroelectronics TDA7546TR Datasheet HTML 21Page - STMicroelectronics TDA7546TR Datasheet HTML 22Page - STMicroelectronics TDA7546TR Datasheet HTML 23Page - STMicroelectronics TDA7546TR Datasheet HTML 24Page - STMicroelectronics TDA7546TR Datasheet HTML 25Page - STMicroelectronics TDA7546TR Datasheet HTML 26Page - STMicroelectronics TDA7546TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
TDA7546
Functional description
23/68
The circuit receives the scaling factors for the programmable counters and the values of the
reference frequencies via an I2C-Bus interface.The reference frequency is generated by an
adjustable internal (XTAL) oscillator followed by the reference divider. The main reference
and step-frequencies are free selectable (RC, PC).
Output signals of the phase detector are switching the programmable current sources. The
loop filter integrates their currents to a DC voltage.
The values of the current sources are programmable by 6 bits also received via the I2C Bus
(A, B, CURRH).
To minimize the noise induced by the digital part of the system, a special guard
configuration is implemented. The loop gain can be set for different conditions by setting the
current values of the chargepump generator.
Frequency generation for phase comparison
The RF signals applies a two modulus counter (32/33) pre-scaler, which is controlled by a 5-
bit A-divider. The 5-bit register (PC0 to PC4) controls this divider. In parallel the output of the
prescaler connects to an 11-bit B-divider. The 11-bit PC register (PC5 to PC15) controls this
divider
Dividing range:
fVCO = [33 x A + (B + 1 - A) x 32] x fREF
fVCO = (32 x B + A + 32) x fREF
Important: For correct operation: A ≤ 32; B ≥ A
Three state phase comparator
The phase comparator generates a phase error signal according to phase difference
between fSYN and fREF. This phase error signal drives the charge pump current generator.
Charge pump current generator
This system generators signed pulses of current. The phase error signal decides the
duration and polarity of those pulses. The current absolute values are programmable by A
register for high current and B register for low current.
Inlock detector
Switching the chargepump in low current mode can be done either via software or
automatically by the inlock detector, by setting bit LDENA to "1".
After reaching a phase difference about lower than 40nsec the chargepump is forced in low
current mode. A new PLL divider alternation by I2C-Bus will switch the chargepump in the
high current mode.
Low noise CMOS op-amp
An internal voltage divider at pin VREF2 connects the positive input of the low noise op-
amp. The charge pump output connects the negative input. This internal amplifier in
cooperation with external components can provide an active filter.
While the high current mode is activated LPHC output is switched on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com