Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 59 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 59 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 55Page - STMicroelectronics TDA7546TR Datasheet HTML 56Page - STMicroelectronics TDA7546TR Datasheet HTML 57Page - STMicroelectronics TDA7546TR Datasheet HTML 58Page - STMicroelectronics TDA7546TR Datasheet HTML 59Page - STMicroelectronics TDA7546TR Datasheet HTML 60Page - STMicroelectronics TDA7546TR Datasheet HTML 61Page - STMicroelectronics TDA7546TR Datasheet HTML 62Page - STMicroelectronics TDA7546TR Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
TDA7546
Software specifications
59/68
6.3.3
SPI mode
Figure 18.
SPI data transfer
This interface consists of four lines (Figure 18). A serial data input (DATAIN), a serial data
output (DATAOUT), a chip select input (CSN) and a bit clock input (CLK).
The interface is capable of operating up to 1 MHz. If during the setup the system clock fsys
is smaller then 8.55 MHz, then the max. SPI speed decreases linear (e.i. if fsys = 4.275 MHz
then the maximum SPI speed is 500KHz for setup).
CSN starts and stops the data transfer. After starting data transfer, one bit is shifted out
(DATAOUT) with the active bit clock edge (CLK) and at the same time one bit in (DATAIN).
When CSN stops the data transfer, the pllreg0[7:0], pllreg1[7:0] pllreg2[7:0], pllreg3[7:0],
pllreg4[7:0], rdstest[7:0], sinc4reg[7:0], rds_bd_ctrl[7:0], rds_int[7:0] registers can be
updated with the last bytes which have been shifted in.
The last byte shifted in on DATAIN must be always rds_int[7:0] and the last but one is
rds_bd_ctrl[7:0], and so on, as listed above. In other words, the master has take into
account the number of bytes to transfer before starting, to be sure that the last byte shifted in
at DATAIN is rds_int[7:0].
If the pllreg0[7:0], pllreg1[7:0] pllreg2[7:0], pllreg3[7:0], pllreg4[7:0], rdstest[7:0],
sinc4reg[7:0], rds_bd_ctrl[7:0], rds_int[7:0] registers will be updated depends on the MSB of
rds_int. If rds_int[7] = 1 all registers listed above are updated (refer to page 48). The
registers pllreg3-1 are only updated if they are shifted completely into the SPI.
sinc4reg[7:0] and testreg[7:0] are dedicated for test and have to be kept zero filled in the
application, independent if rds_int[7] bit is set or not.
Only the “bne” flag can be used for polling mode. There are two different ways to use
polling mode, while the first one causes less bus traffic than the second:
1.
Read only the first register rds_int to check the “bne” bit.
If “bne” bit is not set, the CSN can be set, as shown in (Figure 21).
If “bne” bit is set, the transfer must be continued by the SPI master, until at least the
four register rds_qu, rds_corrp, rds_bd_h and rds_bd_l are read out, then the SPI
master is allowed to stop the transfer by pulling CSN up. Then the whole Buffer must be
read out, by reading each time at least the five registers rds_int, rds_qu, rds_corrp,
CSN
DATAIN
DATAOUT
CLK
rds_int[7:0]
rds_qu[7:0]
rds_corrp[7:0]
rds_bd_h[7:0]
rds_bd_l[7:0]
{1,rds_int[6:0]}
rds_bd_ctrl[7:0]
sinc4reg[7:0]
testreg[7:0]
pll_reg4l[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com