Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 44Page - STMicroelectronics TDA7546TR Datasheet HTML 45Page - STMicroelectronics TDA7546TR Datasheet HTML 46Page - STMicroelectronics TDA7546TR Datasheet HTML 47Page - STMicroelectronics TDA7546TR Datasheet HTML 48Page - STMicroelectronics TDA7546TR Datasheet HTML 49Page - STMicroelectronics TDA7546TR Datasheet HTML 50Page - STMicroelectronics TDA7546TR Datasheet HTML 51Page - STMicroelectronics TDA7546TR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
Software specifications
TDA7546
48/68
Table 29.
Addr 20 tank adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
has to be set
0
0
0
0
10.7MHz 0pF
0
0
0
1
10.7MHz 0.55pF
0
0
1
0
10.7MHz 1.1pF
0
0
1
1
10.7MHz 1.65pF
--
--
-
1
1
1
1
10.7MHz 8.25pF
Table 30.
Addr 21 I/Q mixer1 adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
0
-7°
000
1
-6°
001
0
-5°
-
---
-
011
1
0°
100
0
+1°
100
1
+2°
-
---
-
111
1
+8°
00
0%
01
-1%
10
+1%
11
0%
x
not used
0
Overdeviation correction current max=45
μA
1
Overdeviation correction current max=90
μA
Table 31.
Addr 22 test control 1
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxx
xxx
Only for testing ( have to be set to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com