Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 51 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 47Page - STMicroelectronics TDA7546TR Datasheet HTML 48Page - STMicroelectronics TDA7546TR Datasheet HTML 49Page - STMicroelectronics TDA7546TR Datasheet HTML 50Page - STMicroelectronics TDA7546TR Datasheet HTML 51Page - STMicroelectronics TDA7546TR Datasheet HTML 52Page - STMicroelectronics TDA7546TR Datasheet HTML 53Page - STMicroelectronics TDA7546TR Datasheet HTML 54Page - STMicroelectronics TDA7546TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
TDA7546
Software specifications
51/68
Table 37.
rds_int register
Table 38.
rds_qu register
(1) If the interrupt source is changed form block A, B,
D, TA, TA EON to another one "no interrupt" must be
set before to clear the previous interrupt acknowledge.
Interrupt bit. It is set to one on every programmed interrupt. It is
reset by reading rds_int register. The inverted version is also
externally available on RDSINT pin.
itsrc[2:0] selects interrupt source (1).
Block A, B, D and TA, TA EON interrupts only if "synch" =1.
Synchronization information (refer to pages 28-29).
1: The module is already synchronized.
0: The module is synchronizing.
It is used to force a resynchronization. If it is set to one, the RDS
modules are forced to resynchronization state and the RAM buffer
address is reset.
This bit is reset automatically. It is read always as zero.
Buffer not empty.
1: At least one block is present in the RAM buffer.
0: The RAM buffer is empty.
rds_int, rds_bd_ctrl and pllreg4-0 write order.
This bit is only used in SPI mode and is read always as zero.
1: Update of rds_int, rds_bd_ctrl and pllreg4-0 with data shifted in.
0: No update of rds_int, rds_bd_ctrl and pllreg4-0.
bit name
access
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
r
r/w
r
r/w
r
r/w
r/w
r/w
itsrc0
int
ar_res
bne
itsrc1
synch
write
reset value
0
00
0
0
00
0
itsrc2
(1)
itsrc2
0
0
itsrc1
interrupt source
itsrc0
buffer not empty
block B
block A
buffer full
block D
TA
TA EON
no interrupt
0
0
10
0
11
1
10
1
11
0
01
1
00
1
01
rds_int
(2) If "syncw" =1 of rds_bd_ctrl register, the block counter in-
dicates the expected RDS block.
(3) qu[3...0] counts the number of bits (max.16) which are
marked as bad by the demodulator within each RDS block.
It could be used as a quality information, indicating the max-
imum number of bits which are allowed to be corrected.
It indicates if error correction was successful.
1: The syndrome was zero after error correction.
0: The syndrome did not become zero and therefore the error
correction was not successful.
1: Block E is detected. This indicates a paging block which is
deÞned in the RBDS speciÞcation used in the United States of
America.
0: An ordinary RDS block A, B, C, C« or D is detected, or no valid
syndrome was found.
Bit 0 of block counter (2).
bit 1 of block counter (2).
bit 0 of quality counter (3).
bit 1 of quality counter (3).
bit 2 of quality counter (3).
bit 3 of quality counter (3).
bit name
access
bit 7
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
r
r
rr
rrr
r
synz
e
qu0
qu3
qu1
qu2
blk1
blk0
blk1
1
0
0
0
blk0
block A
block name
block D
1
block C,C'
0
block B
1
1
(2)
reset value
0
0
00
00
0
0
rds_qu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com