Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7546TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 31Page - STMicroelectronics TDA7546TR Datasheet HTML 32Page - STMicroelectronics TDA7546TR Datasheet HTML 33Page - STMicroelectronics TDA7546TR Datasheet HTML 34Page - STMicroelectronics TDA7546TR Datasheet HTML 35Page - STMicroelectronics TDA7546TR Datasheet HTML 36Page - STMicroelectronics TDA7546TR Datasheet HTML 37Page - STMicroelectronics TDA7546TR Datasheet HTML 38Page - STMicroelectronics TDA7546TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
TDA7546
Functional description
35/68
An address reset of the RAM buffer can be performed by writing a 1 to “ar_res” bit in rds_int
register, it also forces a resynchronization.
Figure 10 describes the different states of the buffer with corresponding flags values:
1.
This is the reset state, read (Rp) and write pointer (Wp) pointing at the same location 0.
The buffer is empty.
2.
After the first buffer write operation, Wp points to the last written data (0, it is not
incremented) and the flag “bne” (buffer not empty) is set.
3.
After next buffer write operation, Wp points to the last written data (3, incremented
address).
4.
After buffer read operation, Rp points to incremented address (data to be read on the
next read cycle), following the Wp. As soon as Rp reaches the Wp (of value 3), it is not
incremented to 4 and flag “bne” is reset. Rp never goes ahead the Wp.
5.
If the buffer is full (i.e. 24 blocks have been written before any read), flag “bfull” is set. If
no read operation is performed, on next write operation “bovf” (buffer overflow) is set,
and each subsequent write operation will overwrite the oldest data of the RAM buffer.
Rp is moved in front of the Wp.
6.
If the whole content of the buffer has already been read, subsequent read operation will
always read the last written location - Rp never goes ahead the Wp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com