Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 108 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 108 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 104Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 105Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 106Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 107Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 108Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 109Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 110Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 111Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 112Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 107 of 148
S25FL128S/S25FL256S
Figure 71. Parameter Sector Erase Command Sequence (3-Byte Address, 20h)
Figure 72. Parameter Sector Erase Command Sequence (ExtAdd = 1, 20h or 4-Byte Address, 21h)
9.6.2
Sector Erase (SE D8h or 4SE DCh)
The Sector Erase (SE) command sets all bits in the addressed sector to 1 (all bytes are FFh). Before the Sector Erase (SE)
command can be accepted by the device, a Write Enable (WREN) command must be issued and decoded by the device, which sets
the Write Enable Latch (WEL) in the Status Register to enable any write operations.
The instruction
D8h [ExtAdd=0] is followed by a 3-byte address (A23-A0), or
D8h [ExtAdd=1] is followed by a 4-byte address (A31-A0), or
DCh is followed by a 4-byte address (A31-A0)
CS# must be driven into the logic high state after the twenty-fourth or thirty-second bit of address has been latched in on SI. This will
initiate the erase cycle, which involves the pre-programming and erase of the chosen sector. If CS# is not driven high after the last
bit of address, the sector erase operation will not be executed.
As soon as CS# is driven into the logic high state, the internal erase cycle will be initiated. With the internal erase cycle in progress,
the user can read the value of the Write-In Progress (WIP) bit to check if the operation has been completed. The WIP bit will indicate
a 1 when the erase cycle is in progress and a0 when the erase cycle has been completed.
A Sector Erase (SE) command applied to a sector that has been Write Protected through the Block Protection bits or ASP, will not
be executed and will set the E_ERR status.
A device ordering option determines whether the SE command erases 64 kbytes or 256 kbytes. The option to use this command to
always erase 256 kbytes provides for software compatibility with higher density and future S25FL family devices.
ASP has a PPB and a DYB protection bit for each sector, including any 4-kB sectors. If a sector erase command is applied to a 64-
kB range that includes a protected 4-kB sector, or to a 256-kB range that includes a 64-kB protected address range, the erase will
not be executed on the range and will set the E_ERR status.
1
3
2
10
9
8
7
6
5
4
0
31
30
29
28
Instruction
24 Bit Address
23
21
22
1
3
2
0
SCK
SI
MSB
CS #
1
3
2
10
9
8
7
6
5
4
0
39
38
37
36
Instruction
32 Bit Address
31
29
30
1
3
2
0
SCK
SI
MSB
CS #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com