Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 112 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 112 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 108Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 109Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 110Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 111Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 112Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 113Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 114Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 115Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 116Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 111 of 148
S25FL128S/S25FL256S
9.7
One Time Program Array Commands
9.7.1
OTP Program (OTPP 42h)
The OTP Program command programs data in the One Time Program region, which is in a different address space from the main
array data. The OTP region is 1024 bytes so, the address bits from A23 to A10 must be zero for this command. Refer to Section 7.4
OTP Address Space on page 46 for details on the OTP region. The protocol of the OTP Program command is the same as the Page
Program command. Before the OTP Program command can be accepted by the device, a Write Enable (WREN) command must be
issued and decoded by the device, which sets the Write Enable Latch (WEL) in the Status Register to enable any write operations.
To program the OTP array in bit granularity, the rest of the bits within a data byte can be set to 1.
Each region in the OTP memory space can be programmed one or more times, provided that the region is not locked. Attempting to
program zeros in a region that is locked will fail with the P_ERR bit in SR1 set to 1 Programming ones, even in a protected area does
not cause an error and does not set P_ERR. Subsequent OTP programming can be performed only on the un-programmed bits (that
is, 1 data).
Figure 77. OTP Program Command Sequence
DDRDIOR
BD
X
X
All array reads allowed in suspend.
4DDRDIOR
BE
X
X
All array reads allowed in suspend.
DDRQIOR
ED
X
X
All array reads allowed in suspend.
DDRQIOR4
EE
X
X
All array reads allowed in suspend.
QIOR
EB
X
X
All array reads allowed in suspend.
4QIOR
EC
X
X
All array reads allowed in suspend.
QOR
6B
X
X
All array reads allowed in suspend.
4QOR
6C
X
X
All array reads allowed in suspend.
RDSR1
05
X
X
Needed to read WIP to determine end of suspend process.
RDSR2
07
X
X
Needed to read suspend status to determine whether the operation is
suspended or complete.
READ
03
X
X
All array reads allowed in suspend.
RESET
F0
X
X
Reset allowed anytime.
WREN
06
X
Required for program command within erase suspend.
WRR
01
X
X
Bank register may need to be changed during a suspend to reach a
sector needed for read or program. WRR is allowed when following
BRAC.
Table 49. Commands Allowed During Program or Erase Suspend (Continued)
Instruction
Name
Instruction
Code (Hex)
Allowed During
Erase Suspend
Allowed During
Program Suspend
Comment
13
210
9
8
7
6
5
4
031
30
29
28
Instruction
24-Bit
Address
23
21
22
1
32
0
36
35
34
33
32
39
38
37
1
32
0
76
5
4
Data Byte 1
1
32
0
76
5
4
Data Byte 2
44
43
42
41
40
47
46
4552
51
59
49
48
55
54
53
1
32
0
765
4
Data Byte 3
Data Byte 512
SCK
SI
SCK
SI
MSB
MSB
MSB
MSB
MSB
CS#
CS#
1
32
0
765
4
1
32
0
76
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com