Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 111 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 111 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 107Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 108Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 109Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 110Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 111Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 112Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 113Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 114Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 115Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 110 of 148
S25FL128S/S25FL256S
Figure 76. Erase Resume Command Sequence
Table 49. Commands Allowed During Program or Erase Suspend
Instruction
Name
Instruction
Code (Hex)
Allowed During
Erase Suspend
Allowed During
Program Suspend
Comment
BRAC
B9
X
X
Bank address register may need to be changed during a suspend to
reach a sector for read or program.
BRRD
16
X
X
Bank address register may need to be changed during a suspend to
reach a sector for read or program.
BRWR
17
X
X
Bank address register may need to be changed during a suspend to
reach a sector for read or program.
CLSR
30
X
Clear status may be used if a program operation fails during erase
suspend.
DYBRD
E0
X
It may be necessary to remove and restore dynamic protection during
erase suspend to allow programming during erase suspend.
DYBWR
E1
X
It may be necessary to remove and restore dynamic protection during
erase suspend to allow programming during erase suspend.
ERRS
7A
X
Required to resume from erase suspend.
DDRFR
0D
X
X
All array reads allowed in suspend.
4DDRFR
0E
X
X
All array reads allowed in suspend.
FAST_READ
0B
X
X
All array reads allowed in suspend.
4FAST_READ
0C
X
X
All array reads allowed in suspend.
MBR
FF
X
X
May need to reset a read operation during suspend.
PGRS
8A
X
X
Needed to resume a program operation. A program resume may also be
used during nested program suspend within an erase suspend.
PGSP
85
X
Program suspend allowed during erase suspend.
PP
02
X
Required for array program during erase suspend.
4PP
12
X
Required for array program during erase suspend.
PPBRD
E2
X
Allowed for checking persistent protection before attempting a program
command during erase suspend.
QPP
32, 38
X
Required for array program during erase suspend.
4QPP
34
X
Required for array program during erase suspend.
4READ
13
X
X
All array reads allowed in suspend.
RDCR
35
X
X
DIOR
BB
X
X
All array reads allowed in suspend.
4DIOR
BC
X
X
All array reads allowed in suspend.
DOR
3B
X
X
All array reads allowed in suspend.
4DOR
3C
X
X
All array reads allowed in suspend.
1
1
3
2
7
6
5
4
0
Instruction (7Ah)
SCK
SO
High Impedance
SI
CS
0
1
7
6
5
4
3
2
MSB
Resume Sector or Block Erase
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com