Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 144 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 144 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 140Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 142Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 143Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 144Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 145Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 146Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 147Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 148Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 143 of 148
S25FL128S/S25FL256S
Valid Combinations — Automotive Grade / AEC-Q100
The table below lists configurations that are Automotive Grade / AEC-Q100 qualified and are planned to be available in volume. The
table will be updated as new combinations are released. Consult your local sales representative to confirm availability of specific
combinations and to check on newly released combinations.
Production Part Approval Process (PPAP) support is only provided for AEC-Q100 grade products.
Products to be used in end-use applications that require ISO/TS-16949 compliance must be AEC-Q100 grade products in
combination with PPAP. Non–AEC-Q100 grade products are not manufactured or documented in full compliance with
ISO/TS-16949 requirements.
AEC-Q100 grade products are also offered without PPAP support for end-use applications that do not require ISO/TS-16949
compliance.
13. Contacting Cypress
Obtain the latest list of company locations and contact information at: www.cypress.com/support.
Table 84. S25FL128S, S25FL256S Valid Combinations — Automotive Grade / AEC-Q100
Valid Combinations — Automotive Grade / AEC-Q100
Base Ordering
Part Number
Speed
Option
Package and
Temperature
Model Number
Packing
Type
Package Marking
S25FL128S or
S25FL256S
AG
MFA, MFB,
MFM
00, 01, G0, G1, R0, R1
0, 1, 3
FL + (Density) + SA + (Temp) + F + (Model Number)
NFA, NFB,
NFM
00, 01
0, 1, 3
FL + (Density) + SA + (Temp) + F + (Model Number)
BHA, BHB,
BHM
20, 21, 30, 31, A0, A1,
B0, B1, C0, C1, D0, D1
0, 3
FL + (Density) + SA + (Temp) + H + (Model Number)
DP
NFB
00
0, 1, 3
FL + (Density) + SD + (Temp) + F + (Model Number)
BHB
21, C0
0, 3
FL + (Density) + SD + (Temp) + H + (Model Number)
DS
MFA, MFB,
MFM
00, 01, G0, G1, R0, R1
0, 1, 3
FL + (Density) + SS + (Temp) + F + (Model Number)
NFA, NFB,
NFM
00, 01
0, 1, 3
FL + (Density) + SS + (Temp) + F + (Model Number)
BHA, BHB,
BHM
20, 21, 30, 31, A0, A1,
B0, B1, C0, C1, D0, D1
0, 3
FL + (Density) + SS + (Temp) + H + (Model Number)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com