Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 148 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 148 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 142Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 143Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 144Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 145Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 146Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 147Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 148Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 149Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 148 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 147 of 148
S25FL128S/S25FL256S
*J (cont.)
5348895
TOCU
09/22/2016
Changed minimum value of tHO parameter corresponding to 66 MHz from 0 ns to 1.5 ns.
Updated Address Space Maps:
Updated Registers:
Added ECC Status Register (ECCSR).
Updated Commands:
Updated Command Set Summary:
Updated Extended Addressing:
Updated Table 45:
Removed Note “For Industrial Plus (-40°C to +105°C) and Extended (-40°C to +125°C)
temperature range, all Maximum Frequency values are 5% slower than the Max values
shown.” and its references.
Updated Register Access Commands:
Updated Write Registers (WRR 01h):
Updated description.
Added ECC Status Register Read (ECCRD 18h).
Updated Program Flash Array Commands:
Updated Program Granularity:
Added Automatic ECC.
Added Data Integrity.
Updated Software Interface Reference:
Added Device ID and Common Flash Interface (ID-CFI) ASO Map — Automotive Only.
Updated Ordering Information:
Added Automotive Temperature Range related information in valid combinations.
Updated Valid Combinations — Standard:
Updated Table 83:
Updated entire table.
Added Valid Combinations — Automotive Grade / AEC-Q100.
Updated to new template.
*K
5662507
ECAO
03/16/2017
Updated Table 7, DC Characteristics — Operating Temperature Range –40°C to +85°C
on page 26.
Added Table 8, DC Characteristics — Operating Temperature Range -40°C to +105°C
and -40°C to +125°C on page 27.
Updated Section 6.1.2, SOIC 16 Physical Diagram on page 38.
Updated Section 6.2.2, WSON Physical Diagram on page 39.
Updated Section 6.3.2, FAB024 24-Ball BGA Package Physical Diagram on page 41.
Updated Section 6.4.2, FAC024 24-Ball BGA Package Physical Diagram on page 43.
Updated tSU in Table 12, AC Characteristics (Single Die Package, VIO = VCC 2.7V to
3.6V) on page 31.
Updated Cypress logo and Sales page.
*L
5704165
BWHA
4/27/2017
Updated Section 9.5.3, Quad Page Program (QPP 32h or 38h, or 4QPP 34h)
on page 103.
Updated Sales page.
Updated Cypress logo.
*M
5746369
ECAO
05/23/2017
Added Model Number “21” in Table 84, S25FL128S, S25FL256S Valid Combinations —
Automotive Grade / AEC-Q100 on page 143.
Document Title: S25FL128S/S25FL256S, 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
Document Number: 001-98283
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com