Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 146 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 146 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 142Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 143Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 144Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 145Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 146Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 147Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 148Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 149Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 146 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 145 of 148
S25FL128S/S25FL256S
*A (cont.)
–
BWHA
11/18/2011
Device ID and Common Flash Interface (ID-CFI) Address Map:
CFI Alternate Vendor-Specific Extended Query Parameter 9Ah - EHPLC DDR table:
corrected the data of offset 01h from 32h to 2Ah
Ordering Information:
Added E0, E1, F0, F1, G0, and G1 as valid model numbers
Broke out the 2 character length model number decoder into separate characters to
clarify format and save space
Corrected the valid S25FLxxxSAGMFI model numbers from R0 and R1 to G0 and G1
Updated the Package Marking format to help identify speed differences across similar
devices
Added G0 and G1 as valid model number combinations for SDR SOIC OPNs
Removed 20, 21, 30, and 31 as valid model numbers combinations for DDR BGA OPNs
*B
–
BWHA
03/22/2012
DC Characteristics:
Updated ICC1 values, added note
AC Characteristics:
AC Characteristics (Single Die Package, VIO = VCC 2.7V to 3.6V) table: Moved tSU
value to tCSH, added note
AC Characteristics (Single Die Package, VIO 1.65V to 2.7V, VCC 2.7V to 3.6V) table:
Moved tSU value to tCSH, added note
AC Characteristics 66 MHz Operation table: added note
Command Set Summary:
S25FL128S and S25FL256S Command Set (sorted by function) table: added note
Device ID and Common Flash Interface (ID-CFI) Address Map:
Updated CFI Alternate Vendor-Specific Extended Query Parameter 0 table
Updated CFI Alternate Vendor-Specific Extended Query Parameter 84h Suspend
Commands table
Updated CFI Alternate Vendor-Specific Extended Query Parameter 8Ch Reset Timing
table
Ordering Information:
Valid Combinations table: added BHV to Package and Temperature for Models C0, Do
and C1, D1
*C
–
BWHA
06/13/2012
SDR AC Characteristics:
Updated tHO value from 0 Min to 2 ns Min
*D
–
BWHA
07/12/2012
Global:
Promoted data sheet designation from Preliminary to Full Production
*E
–
BWHA
12/20/2013
Global:
80 MHz DDR Read operation added
Performance Summary:
Updated Maximum Read Rates DDR (VIO = VCC = 3V to 3.6V) table. Current
Consumption table: added Quad DDR Read 80 MHz.
Migration Notes:
FL Generations Comparison table: updated DDR values for FL-S
SDR AC Characteristics:
Updated Clock Timing figure
DDR AC Characteristics:
Updated AC Characteristics — DDR Operation table
DDR Output Timing:
Updated SPI DDR Data Valid Window figure and Notes
Ordering Information:
Added 80 MHz to Speed option. Valid Combinations table: added DS Speed Option.
*F
–
BWHA
03/17/2014
SDR AC Characteristics:
AC Characteristics (Single Die Package, VIO = VCC 2.7V to 3.6V) table: removed tV min
AC Characteristics (Single Die Package, VIO 1.65V to 2.7V, VCC 2.7V to 3.6V) table:
removed tV min
Ordering Information:
Fix typo: Add DDR for 80 MHz for the DS Speed option. Valid Combinations table:
Addition of more OPNs.
Document Title: S25FL128S/S25FL256S, 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
Document Number: 001-98283
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com