Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 2Page - STMicroelectronics STM7710 Datasheet HTML 3Page - STMicroelectronics STM7710 Datasheet HTML 4Page - STMicroelectronics STM7710 Datasheet HTML 5Page - STMicroelectronics STM7710 Datasheet HTML 6Page - STMicroelectronics STM7710 Datasheet HTML 7Page - STMicroelectronics STM7710 Datasheet HTML 8Page - STMicroelectronics STM7710 Datasheet HTML 9Page - STMicroelectronics STM7710 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Introduction
STM7710
6/23
Interfaces
External memory interface
16-bit interface supporting ROM, Flash, SFlash, SRAM
access in 5 banks
Local memory interface
32-bit DDR interface
USB 2.0 host interface
Hard-disk drive support
record and playback
pause and time shifting
watch and record
On-chip peripherals
4 ASCs (UARTs) with Tx and Rx FIFOS, 2 of which can be used in smartcard
interfaces
2 smartcard interfaces and clock generators (improved to reduce external
circuitry)
4 SSCs for I²C/SPI master slaves interfaces
2 PWM outputs
teletext serializer and DMA module
6 banks of general purpose I/O, 5 V tolerant
SiLabs line-side (DAA) interface
modem analog front end (MAFE) interface
infrared transmitter/receiver supporting RC5, RC6 and RECS80 codes
dual noise filters for IR inputs with programmable active levels
interrupt level controller and external interrupts,
5V tolerant
low power / RTC / watchdog controller
integrated VCXO
UHF input interface
Flexible multichannel DMA
Package
27 x 27 PGBA, 420 + 36 balls, 1 mm pitch
1.2
STM7710 applications
The STM7710 demultiplexes, decrypts and decodes a single HD or SD video stream with
associated multichannel audio. Video is output to two independently formatted displays: a
full resolution display intended for a TV monitor and a downsampled display intended for a
VCR. A TV or display panel can be connected through an analog component interface or a
copy protected DVI/HDMI interface. Composite outputs are provided for connection to the
VCR with Macrovision protection. Audio is output with optional PCM mixing to an S/PDIF
interface or through integrated stereo audio DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com