Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 9Page - STMicroelectronics STM7710 Datasheet HTML 10Page - STMicroelectronics STM7710 Datasheet HTML 11Page - STMicroelectronics STM7710 Datasheet HTML 12Page - STMicroelectronics STM7710 Datasheet HTML 13Page - STMicroelectronics STM7710 Datasheet HTML 14Page - STMicroelectronics STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics STM7710 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
STM7710
Architecture
13/23
The same video appears on both displays but each can be set up to format the video
differently and display with different timing. Separate video timing generators (VTGs) are
provided to support this.
The display processors are used to present the video from the display buffers and adapt the
decoded video format to a format suitable for display taking into account differences in
scanning method, resolution, aspect ratio and scanning frequency.
The main-display processor receives decoded or acquired video from memory and performs
block-to-line conversion, pan and scan, and vertical and horizontal format conversion. There
is also a linear median upconverter (LMU) to perform interlace-to-progressive conversion on
standard definition pictures using motion estimation.
The auxiliary-display processor receives decoded or acquired (and possibly decimated)
video and performs pan and scan, vertical format conversion, horizontal format conversion.
The output line size is limited to 720 pixels on the auxiliary-display processor and is
intended to output video for VCR recording.
2.9
Graphics display
2.9.1
Graphics layers
The STM7710 has two independent and identical graphics layers known as generic display
pipelines (GDPs) (see Figure 5). Each GDP receives pixel data from memory and features
the following.
●
Link-list-based display engine, for multiple viewport capabilities.
●
Support for ARGBargb formats, including:
–
ARGB1555,
–
ARGB4444,
–
RGB565,
–
RGB888,
–
ARGB8565,
–
ARGB8888.
●
Support for YCbCr4:2:2R, YCbCr888 formats.
●
Support for premultiplied or non-premultiplied RGB components.
●
Color space conversion matrix, (YCbCr 601/709, chroma signed/unsigned to RGB).
●
Gain and offset adjustment.
●
Per-pixel alpha channel combined with per-viewport global alpha.
●
5-tap horizontal sample rate converter for horizontal upscaling only, not downscaling.
Vertical resize is not possible. The horizontal sample rate converter can be used to
adapt the pixel aspect ratio. The resolution is 1/8th pixel (polyphase filter with eight
subpositions).
●
Color keying capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com