Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 12Page - STMicroelectronics STM7710 Datasheet HTML 13Page - STMicroelectronics STM7710 Datasheet HTML 14Page - STMicroelectronics STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics STM7710 Datasheet HTML 17Page - STMicroelectronics STM7710 Datasheet HTML 18Page - STMicroelectronics STM7710 Datasheet HTML 19Page - STMicroelectronics STM7710 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Architecture
STM7710
16/23
2.11
Main display output stage
The display composition from MIX1 can be output on any of the main display output
interfaces (Figure 5). These are:
●
the main analog output,
●
the DVI/HDMI output.
The main analog output interface supports YPbPr or RGB analog output with or without
embedded syncs. High current HD DACs are used to minimize external component count.
Programming flexibility is provided to support different display timings and resolutions.
These include support for:
●
SMPTE,
●
BS4 SD and HD formats,
●
standard formats supported:
–
480i (full scanning 525i) / 576i (full scanning 625i),
–
480p (full scanning 525p) / 576p (full scanning 625p),
–
720p (full scanning 750p),
–
1080i (full scanning 1125i),
●
panel displays with a pixel clock up to 74.25 MHz.
Timings and levels can be programmed to comply with EIA770.x (x = 1, 2, 3) requirements.
The main analog output can also have Macrovision™ encoding for 480i and 480p and
CGMS encoding.
The HDMI output provides DVI-HDCP or HDMI compliant copy protected digital output of
the main display composition.
2.12
Auxiliary display output stage
The display composition from MIX2 is output on the auxiliary display output interface
(Figure 5).
This interface uses a digital encoder that encodes the output from the auxiliary mixer into a
standard analog baseband PAL/NTSC signal and into YPbPr components.
The digital encoder performs closed-caption, CGMS, WSS, teletext and VPS encoding and
allows Macrovision 7.01/ 6.1 copy protection.
An integrated tri-DAC provides three analog TV outputs, on which it is possible to output
either (S-VHS(Y/C) + CVBS), YPbPr or RGB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com