Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 8Page - STMicroelectronics STM7710 Datasheet HTML 9Page - STMicroelectronics STM7710 Datasheet HTML 10Page - STMicroelectronics STM7710 Datasheet HTML 11Page - STMicroelectronics STM7710 Datasheet HTML 12Page - STMicroelectronics STM7710 Datasheet HTML 13Page - STMicroelectronics STM7710 Datasheet HTML 14Page - STMicroelectronics STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Architecture
STM7710
12/23
2.6
MPEG-2 video decoder
The STM7710's video decoder is a single-stream decoder for either SD or HD streams. The
decoder is fully compliant with ISO/IEC13818-2 MP@ML and MP@HL formats.
A stream is decoded picture by picture from an elementary stream buffer. Decoding,
reconstruction and prediction buffers are set up by the CPU. CPU control of bit buffer
pointers provides flexibility for trick modes and out-of-sequence decoding.
Semantic or syntax errors are detected by the decoder and failing macroblocks are replaced
up to the next slice or picture.
Pictures can be reconstructed with decimation for VCR recording to reduce memory
bandwidth while keeping full resolution pictures for anchor frames and main display.
2.7
Digital video input
Digital SD video data can be input to the STM7710 through an 8-bit digital video input port.
The 8-bit mode is intended for inputting SD video data conforming to ITU-R BT656 with
embedded syncs or ITU-R BT601 with external syncs. In ITU-R BT656 mode, auxiliary data
embedded in the stream can be extracted to a separate buffer.
2.8
Video display processors
The STM7710 displays video using the main and auxiliary display processors (Figure 5).
The video may have been decoded and reconstructed by the MPEG decoder or acquired
through the digital video interface.
Figure 5.
Display composition and output
Main
video display
processor
Cursor
GDP1
GDP2
VID1
Mixer 1
Mixer 2
Auxiliary
output stage
Main
output stage
Main
display
composition
Auxiliary
display
composition
Cursor
Graphics 1
Graphics 2
BCK
DVI-HDCP
HDMI
Main analog
outputs
YPbPr or RGB
Auxiliary analog
outputs
YPbPr or YC,
STBus
VID2
Auxiliary
video display
processor
CVBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com