Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics STM7710 Datasheet HTML 17Page - STMicroelectronics STM7710 Datasheet HTML 18Page - STMicroelectronics STM7710 Datasheet HTML 19Page - STMicroelectronics STM7710 Datasheet HTML 20Page - STMicroelectronics STM7710 Datasheet HTML 21Page - STMicroelectronics STM7710 Datasheet HTML 22Page - STMicroelectronics STM7710 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
STM7710
Architecture
19/23
2.14.2
Audio decoder
The audio decoder receives the compressed audio (PES or ES) or PCM audio stream on its
main input. For compressed data it performs PES parsing, PTS extraction, multichannel
decoding and downmixing. At the same time, it formats the multichannel compressed data
stream for output over the S/PDIF interface for external decoding. Decoded multichannel
audio is downmixed before emerging as downmixed stereo or Dolby Pro Logic® encoded
audio. True Surround XT® post processing can be applied. PCM audio is passed straight
through.
Decoding of MPEG-1 layers I, II, Dolby® Digital and AAC stereo are supported at sample
rates of 32 kHz, 44.1 kHz and 48 kHz.
The decoded/downmixed channels can be mixed with PCM files from the 2nd input which
the audio decoder has sample rate converted.
The audio decoder can generate programmable tones for dish alignment.
The audio decoder generates the following:
Main 2-channel output: the left and right decoded/downmixed channels (L/Lt, R/Rt) with
PCM file mixing.
S/PDIF output: a digital audio stream selected from one of the following:
IEC61937 formatted compressed audio received on the audio decoder’s main
input,
IEC60958 formatted version of the main 2-channel output.
2.14.3
Audio output interfaces
The audio output interfaces from the STM7710 are:
S/PDIF interface. This outputs the S/PDIF output from the audio decoder.
Analog stereo output from integrated 24-bit DACs. This outputs the main 2-channel
output from the audio decoder.
2.15
FDMA controller
The STM7710 has a multichannel, burst-capable direct memory access controller that
supports the following.
Fast 2D unaligned memory to memory transfers of graphics and stills.
Real-time stream transfers to and from memory with or without pacing. These channels
are suitable for transfers with internal or external peripherals and for audio and video
stream transfers within the STM7710.
Two external pacing signals for paced transfers to and from external peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com