Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics STM7710 Datasheet HTML 17Page - STMicroelectronics STM7710 Datasheet HTML 18Page - STMicroelectronics STM7710 Datasheet HTML 19Page - STMicroelectronics STM7710 Datasheet HTML 20Page - STMicroelectronics STM7710 Datasheet HTML 21Page - STMicroelectronics STM7710 Datasheet HTML 22Page - STMicroelectronics STM7710 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Architecture
STM7710
20/23
2.16
Interfaces
2.16.1
USB
The STM7710 has an integrated USB host controller with one host port. The USB host
interface is partially compliant with OHCI/EHCI rev 1.0 and USB rev 2.0, allowing
connection to a hard-disk drive only. All speeds up to 480 Mbit/s are supported.
2.16.2
Modem
Standard solutions are available for V22bis software modems and V34/V90 controllerless
modems ported to the STM7710 architecture.
An integrated interface to the SiLabs DAA allows a two-wire capacitively coupled connection
to the line-side device (no transformer required).
A modem analog front-end (MAFE) interface allows direct connection to an external codec
to support this software modem capability. The MAFE interface has its own two-channel
DMA controller for sample transfers to and from buffers.
2.16.3
Internal peripherals
The STM7710 has many dedicated internal peripherals for digital TV receiver applications,
including:
●
2 smartcard controllers,
●
4 ASCs (UARTs), two of which are generally used by the smartcard controllers,
●
Teletext serializer and DMA,
●
4 SSCs for I2C/SPI master/slave interfaces,
●
6 GPIO ports (5V tolerant),
●
2 PWM modules:
–
the first (“PWM4”, also used as ST20-C1 time slicer), usable as timer or to control
one PWM output,
–
a second, dual module (“PWM-Timer2”) with each channel usable as a timer or to
control a PWM output,
●
a multi-channel, infrared blaster/decoder interface module,
●
an interrupt level controller with 4 external interrupt inputs (5 V tolerant).
2.16.4
Smartcard interfaces
Both STM7710 smartcard interfaces are ISO7816, EMV2000 and NDS compliant by adding
a simple external power switch.
A programmable hardware power control feature allows the power control signal to be
switched when a card’s insertion or removal is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com