Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 10Page - STMicroelectronics STM7710 Datasheet HTML 11Page - STMicroelectronics STM7710 Datasheet HTML 12Page - STMicroelectronics STM7710 Datasheet HTML 13Page - STMicroelectronics STM7710 Datasheet HTML 14Page - STMicroelectronics STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics STM7710 Datasheet HTML 17Page - STMicroelectronics STM7710 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Architecture
STM7710
14/23
2.9.2
Cursor layer
The cursor is defined as a 128 x 128 pixel area held in local memory, in ACLUT8 format.
Each cursor entry is a 16-bit ARGB4444 color + alpha value. The alpha factor of four bits
handles an antialiased cursor pattern on top of the composed output picture. The cursor-
plane features are:
ACLUT8 format, with ARGB4444 CLUT entries. 256 colors can be simultaneously
displayed for the cursor pattern, among 4096 colors associated with a 16-level
translucency channel.
Size is programmable up to 128 x 128.
Hardware rectangular clipping window, out of which the cursor is never displayed (per-
pixel clipping, so only part of the cursor can be out of this window, therefore
transparent).
Current bitmap is specified using a pointer register to an external memory location,
making cursor animation easy.
Programmable pitch, so all cursor patterns can be stored in a single global bitmap.
2.10
Display compositor
The graphic compositor consists of a five-layer digital mixer (Mix1) intended for the main TV
display (Figure 6) and a two-layer digital mixer (Mix2) intended as an auxiliary display for
applications including connection to a VCR (Figure 7).
Each mixer alpha blends graphics and video layers on a pixel-by-pixel basis based on alpha
component values provided by each layer.
The Mix1 display planes are:
A background color (RGB888 format, programmable through the registers),
The two graphics layers GDP1 and GDP2,
The main video display,
The cursor plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com