Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 5Page - STMicroelectronics STM7710 Datasheet HTML 6Page - STMicroelectronics STM7710 Datasheet HTML 7Page - STMicroelectronics STM7710 Datasheet HTML 8Page - STMicroelectronics STM7710 Datasheet HTML 9Page - STMicroelectronics STM7710 Datasheet HTML 10Page - STMicroelectronics STM7710 Datasheet HTML 11Page - STMicroelectronics STM7710 Datasheet HTML 12Page - STMicroelectronics STM7710 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
STM7710
Architecture
9/23
2
Architecture
2.1
Architecture overview
The STM7710 is designed around the well-proven STBus interconnect.
Transport streams are received and processed by the TS subsystem. The resulting PES
streams and section data are stored in memory buffers in DDR SDRAM attached to the
local memory interface (LMI).
A flexible DMA controller (FDMA) performs PES parsing and start code detection. It routes
elementary streams to audio and video bit buffers in DDR SDRAM. An MP@HL video
decoder decodes HD or SD video streams. Audio decoding and PCM mixing is performed
by the MMDSP and output through S/PDIF or integrated 24-bit stereo DACs.
After video decoding, two independently formatted video displays (main and auxiliary) can
be generated, and each mixed independently with graphics to create main and auxiliary
display compositions. The main display composition (HD or SD) can be output as RGB or
YPbPr analog component video and digitally through a copy-protected DVI/HDMI interface.
The auxiliary display composition (SD only) can be output as a YPbPr analog component or
as composite video on a separate interface for connection to a VCR.
A digital video input interface allows the STM7710 to receive SD uncompressed digital
video and to output this to the main and auxiliary displays in place of decoded video. A
separate PCM input allows any associated audio to be received, mixed and output in place
of decoded audio.
The graphics subsystem comprises a separate 2D-blitter, two graphics planes, a cursor
plane and dual display compositor. Graphics buffers are created, stored in and displayed
from buffers in DDR SDRAM.
The STM7710 embeds an ST20-C1 CPU core for applications and data processing and
device control. The CPU boots from Flash/SFlash on the external memory interface (EMI)
and can execute in place or transfer the main executable to the DDR SDRAM and execute
from there. CPU data is held in DDR SDRAM where cacheable and noncacheable regions
can be programmed. The 16-bit EMI is also used for connecting to external peripherals.
System performance is enhanced with the multichannel FDMA which can be used for 2D
block move and stream data transfers with minimal CPU intervention.
DVR applications are supported using a hard-disk drive (HDD) connected either to the EMI
or to the USB 2.0 HDD interface.
The STM7710 also integrates a range of peripherals, system services and a clock generator
module with embedded VCXO (programmable frequency synthesizers able to replace the
classical external VCXO) to significantly reduce external component cost.
2.2
Processor core
The STM7710 integrates a 200 MHz ST20-C105 processor core composed of the ST20C1+
CPU, a diagnostic controller unit (for low intrusion, real-time debugging), memory (8 Kbyte
instruction cache, 8 Kbyte data cache and 4 Kbyte SRAM) and a 16 priority-level interrupt
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com