Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 13Page - STMicroelectronics STM7710 Datasheet HTML 14Page - STMicroelectronics STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics STM7710 Datasheet HTML 17Page - STMicroelectronics STM7710 Datasheet HTML 18Page - STMicroelectronics STM7710 Datasheet HTML 19Page - STMicroelectronics STM7710 Datasheet HTML 20Page - STMicroelectronics STM7710 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
STM7710
Architecture
17/23
2.13
2D blitter
The 2D-graphics processor (also called the blitter engine) is a CPU-independent engine for
graphics picture processing. It functions as a dual-source 2D DMA, with a set of powerful
operators.
The 2D-graphics processor receives data from local memory through two input sources:
source 1 and source 2. Source 1 is used for frequent operations such as color-fill or simple
source-copy; it has a 64-bit wide internal bus and performs according to the pixel format. All
operators always apply to source 2. The processing pipeline bus is always a pixel bus
(ARGB8888 format) whatever the format of the source inputs. Sources 1 and 2 are used
simultaneously for read/modify/write operations.
The 2D-graphics processor is software controlled by a link-list mechanism. Each node of the
link list is an instruction that contains all the necessary information to proceed.
The STM7710 blitter features:
solid color fill of rectangular windows,
solid color shade (fill + alpha blending),
one source copy, with one or several operators enabled (color format conversion, 2D
scaling),
two-source copy with alpha blending or logical operation between them,
4:2:2 raster/macroblock and 4:2:0 macroblock as source formats, 4:2:2 raster as a
destination format,
color space conversion RGB to and from YCbCr.
color expansion (CLUT to true color),
color correction (gamma, contrast, gain),
color reduction (true color to ACLUTn) using an error diffusion algorithm,
2D resize engine with high-quality filtering,
adaptive flicker filter from memory to memory,
color keying capability,
rectangular clipping,
programmable source/target scanning direction, both horizontally and vertically, to
cope correctly with overlapping source and destination areas,
1-bit/8-bit clipmask bitmap for random shape clipping can be achieved in two passes.
plane mask feature available,
special XYLC access mode, for speeding random pixel access, or horizontal line
drawing (polygon filling, run-length decoder accelerator).
Source and destination windows can all be defined using an XY descriptor, with pixel
accuracy whatever the format, from 1 to 32 bpp. Most of these operators can be combined
in a single blitter pass: for example, convert a YCbCr 4:2:2 bitmap to 4:4:4 RGB, resize it
and blend it on an RGB565 background picture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com