Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 6Page - STMicroelectronics STM7710 Datasheet HTML 7Page - STMicroelectronics STM7710 Datasheet HTML 8Page - STMicroelectronics STM7710 Datasheet HTML 9Page - STMicroelectronics STM7710 Datasheet HTML 10Page - STMicroelectronics STM7710 Datasheet HTML 11Page - STMicroelectronics STM7710 Datasheet HTML 12Page - STMicroelectronics STM7710 Datasheet HTML 13Page - STMicroelectronics STM7710 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Architecture
STM7710
10/23
2.3
External memory interface (EMI)
The EMI is a 16-bit general-purpose interface for attaching system Flash or synchronous
Flash devices and peripherals. Up to 5 separate banks are available, each capable of its
own strobe timing configuration and each with its own chip select signal. Two banks provide
PC-Card compatible strobes for implementing a DVB-CI or CableCard (POD) module
interface.
2.4
Local memory interface (LMI)
The LMI is a 32-bit, high-bandwidth memory interface that enables a unified data memory
architecture through the use of DDR SDRAM. CPU instructions can also be placed here. It
can operate in a 16-bit or 32-bit configuration and has a target operating frequency of
200 MHz for a peak bandwidth of 1.6 Gbyte/s. In a 32-bit configuration, the LMI supports
one x32 device or two x16 devices. 64-Mbit, 128-Mbit or 256-Mbit DDR devices can be used
providing a maximum capacity of 64 Mbytes.
To get the maximum transfer efficiency from the interface, the LMI includes optimizations in
the control of the page structure of DDR DRAMs.
2.5
Transport subsystem
The transport stream subsystem comprises the TS merger/router and a programmable
transport stream interface (PTI).
2.5.1
Transport stream input/output
Transport streams are input to the STM7710 through one of three interfaces. Two of these
are parallel inputs which can also be configured for serial input if required. The third is a
bidirectional parallel interface that can be configured as an input or output.
Figure 4.
Transport-stream subsystem
TS merger
TSIN0
parallel or serial
TSIN1
parallel or serial
TSIN2
parallel or serial input
NRSS-A interface (serial)
alternative functions on PI01
PTI
SWTS
Alt out
STBus
or parallel output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com