Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 4 Page - STMicroelectronics

  STM7710 Datasheet HTML 1Page - STMicroelectronics STM7710 Datasheet HTML 2Page - STMicroelectronics STM7710 Datasheet HTML 3Page - STMicroelectronics STM7710 Datasheet HTML 4Page - STMicroelectronics STM7710 Datasheet HTML 5Page - STMicroelectronics STM7710 Datasheet HTML 6Page - STMicroelectronics STM7710 Datasheet HTML 7Page - STMicroelectronics STM7710 Datasheet HTML 8Page - STMicroelectronics STM7710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Introduction
STM7710
4/23
1
Introduction
The STM7710 is exactly the same as the STi7710. The STM7710 is a new generation of
high-definition set-top box decoder chip, and provides very high performance for low-cost
HD systems.
Based on the STBus architecture, this system on chip is a full back-end processing solution
for digital terrestrial, satellite and cable high-definition set-top boxes compliant with ATSC,
DVB, DIRECTV, DCII, OpenCable and ARIB BS4 specifications.
1.1
Subsystems and interfaces
Processor subsystem
Enhanced ST20 32-bit VL RISC CPU
200 MHz 8-Kbyte ICache, 8-Kbyte DCache, 4-Kbyte SRAM
diagnostic controller unit (DCU)
16 level interrupt controller
Transport stream subsystem
TS merger/router
2 serial/parallel inputs
1 bidirectional interface
merging of 3 transport streams
software transport stream support
NRSS-A module interface
Programmable transport interface (PTI)
transport stream demux: DVB, DIRECTV, ATSC, OpenCable, DCII, BS4
integrated DES, DVB and Multi2 encryption descramblers
Video/graphics subsystem
MPEG-2 MP@HL video decoder core
SD (ITU-R BT 601/656) digital video input
Displays
1 HD display, multiformat capable (1080I, 720P, 480P, 480I)
- analog HD output RGB or YPbPr
- HDMI encoded output
1 standard-definition analog display output: YPbPr, or YC and CVBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com