Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 3Page - STMicroelectronics STM7710 Datasheet HTML 4Page - STMicroelectronics STM7710 Datasheet HTML 5Page - STMicroelectronics STM7710 Datasheet HTML 6Page - STMicroelectronics STM7710 Datasheet HTML 7Page - STMicroelectronics STM7710 Datasheet HTML 8Page - STMicroelectronics STM7710 Datasheet HTML 9Page - STMicroelectronics STM7710 Datasheet HTML 10Page - STMicroelectronics STM7710 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
STM7710
Introduction
7/23
Digitized NTSC or PAL programs can also be input to the STM7710 for reformatting and
display.
The STM7710 includes a graphics rendering and display capability with a 2D-graphics
accelerator, two graphics planes and a cursor plane. A dual display compositor provides
mixing of graphics and video with independent composition for each of the TV and VCR
outputs.
The STM7710 includes a stream merger to allow three different transport streams from
different sources to be merged and processed concurrently. Applications include DVR time
shifted viewing of a terrestrial program while acquiring an EPG/data stream from a satellite
or cable front end.
The flexible descrambling engine is compatible with required standards including DVB, DES
and Multi2.
The STM7710 has an embedded 200 MHz ST20 CPU for applications and device control
and allows a unified memory architecture by providing a high bandwidth DDR DRAM
interface. A second memory bus is also provided for Flash memory to store resident
software and connect peripherals.
An external hard-disk drive (HDD) can be connected either to the EMI or as an expansion
drive through the USB 2.0 port.
The STM7710 is supported by STMicroelectronics’ STAPI software, and provides a
compatible next-generation architecture for applications currently running on the STi5517
and STi7020.
Figure 1.
Low-cost satellite HD set-top box
STM7710
Transport
stream in
VCR
PTSN
STV0399
Smart
cards
MAFE I/F
Flash
IR Tx/Rx
128 Mbit
DDRAM
RGB/YPbPr/
CVBS/YC
HDMI
QPSK ZIF Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com