Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7710 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM7710
Description  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 7Page - STMicroelectronics STM7710 Datasheet HTML 8Page - STMicroelectronics STM7710 Datasheet HTML 9Page - STMicroelectronics STM7710 Datasheet HTML 10Page - STMicroelectronics STM7710 Datasheet HTML 11Page - STMicroelectronics STM7710 Datasheet HTML 12Page - STMicroelectronics STM7710 Datasheet HTML 13Page - STMicroelectronics STM7710 Datasheet HTML 14Page - STMicroelectronics STM7710 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
STM7710
Architecture
11/23
A five input, two output transport stream merger/router allows any of the three external
inputs to be routed to the PTI. A fourth input is provided for routing internal transport
streams stored in memory to the PTI. A fifth input receives a full/partial transport stream
created by the PTI and can output it from the STM7710 through the bidirectional interface
when configured as an output. This allows transport streams to be sent to a D-VCR through
an IEEE1394 link layer controller, EMI or USB 2.0 port. Routing can be concurrent to two
outputs.
When TS0 is operating in serial mode, an NRSS-A interface is available for routing serial
transport streams to and from an NRSS-A compatible CA module.
The stream merger/router is also capable of merging any three of the input streams into one
transport stream and forwarding this to the PTI allowing the PTI to process three
independently sourced transport streams at the same time.
2.5.2
Programmable transport interface (PTI)
The PTI performs PID filtering, demultiplexing, descrambling, and data filtering on up to
three transport streams at the same time up to an aggregate rate of 100 Mbit/s. The PTI
extracts PCRs with time stamps and makes them available to the CPU for clock recovery
and audio/video synchronization.
PES data is transferred by DMA to memory buffers. Section data is transferred by DMA to
separate buffers for further processing by the CPU. The PTI can also extract indexing
information and then transfer packets, using DMA, to an intermediate buffer for writing to
HDD.
Transport streams supported include DIRECTV®, DVB, ATSC, OpenCable, DCII and ARIB
BS4.
The PTI performs PID filtering to select audio, video and data packets to be processed. Up
to 48 PID slots are supported.
The PTI can descramble streams using the following ciphers:
●
DES-ECB including DVS-042 termination block handling,
●
DES-CBC including DVS-042 termination block handling,
●
DES-OFB,
●
Multi2-ECB including DVS-042 termination block handling,
●
Multi2-CBC including DVS-042 termination block handling,
●
Multi2-OFB,
●
DVB-CSA,
●
Fast-I,
●
NDS specific streams can also be supported by the integration of ICAM functionality.
The PTI has a 48 x 16-byte section filter core. Four filtering modes are available:
●
Wide match mode: 48 x 16-byte filters,
●
Long match mode: 96 x 8-byte filters,
●
Positive/negative mode: 48 x 8-byte filters with positive/negative filtering at the bit level.
Matching sections are transferred to memory buffers for processing by software.
When the PTI is required to output a transport stream, it can output the entire transport
stream or selected packets filtered by PID. A latency counter is provided to ensure packet
timing is preserved. Packets can also be substituted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com