Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 111Page - Microchip Technology PIC16F753 Datasheet HTML 112Page - Microchip Technology PIC16F753 Datasheet HTML 113Page - Microchip Technology PIC16F753 Datasheet HTML 114Page - Microchip Technology PIC16F753 Datasheet HTML 115Page - Microchip Technology PIC16F753 Datasheet HTML 116Page - Microchip Technology PIC16F753 Datasheet HTML 117Page - Microchip Technology PIC16F753 Datasheet HTML 118Page - Microchip Technology PIC16F753 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 115
PIC16F753/HV753
13.0
FIXED VOLTAGE REFERENCE
(FVR)
The Fixed Voltage Reference (FVR) is a stable voltage
reference, independent of VDD, with 1.2V output level.
The output of the FVR can be configured to supply a
reference voltage to the following:
• ADC input channel
• Comparator 1 positive input (C1VP)
• Comparator 2 positive input (C2VP)
•FVROUT pin
• Shunt regulator
On the PIC16F753, the FVR is enabled by setting the
FVREN bit of the FVRCON register. The FVR is always
enabled on the PIC16HV753 device.
13.1
Fixed Voltage Reference Output
The FVR output can be applied to the FVROUT pin by
setting the FVRBUFSS and FVRBUFEN bits of the
FVRCON register. The FVRBUFSS bit selects the op
amp, FVR or DAC output reference to the FVROUT pin
buffer. The FVRBUFEN bit enables the output buffer to
the FVROUT pin.
Enabling the FVROUT pin automatically overrides any
digital input or output functions of the pin. Reading the
FVROUT pin when it has been configured for a
reference voltage output will always return a ‘0’.
13.2
FVR Stabilization Period
When the Fixed Voltage Reference module is enabled, it
requires time for the reference circuit to stabilize. Once
the circuit stabilizes and is ready for use, the FVRRDY bit
of the FVRCON register will be set. See Section 22.0
“Electrical Specifications” for the minimum delay
requirement.
13.3
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the FVRCON register are not affected. To minimize
current consumption in Sleep mode, the FVR voltage
reference should be disabled.
13.4
Effects of a Reset
A device Reset clears the FVRCON register. As a result:
• The FVR module is disabled
• The FVR voltage output is disabled on the
FVROUT pin
FIGURE 13-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
1.2V
+
-
VDD
EN
FVREN
(1)
VSS
rdy
FVRRDY
To Peripherals
x1
FVR_out
FVR_ref
Note 1: If using PIC16HV753, the FVR will be enabled.
FVRBUFSS
00
11
10
01
FVRIN
OPA_out
DAC_out
FVROE
FVRBUFEN
To Peripherals
FVR_buffer1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com