Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 112Page - Microchip Technology PIC16F753 Datasheet HTML 113Page - Microchip Technology PIC16F753 Datasheet HTML 114Page - Microchip Technology PIC16F753 Datasheet HTML 115Page - Microchip Technology PIC16F753 Datasheet HTML 116Page - Microchip Technology PIC16F753 Datasheet HTML 117Page - Microchip Technology PIC16F753 Datasheet HTML 118Page - Microchip Technology PIC16F753 Datasheet HTML 119Page - Microchip Technology PIC16F753 Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 116
 2013-2015 Microchip Technology Inc.
13.5
Register Definitions: FVR Control
TABLE 13-1:
SUMMARY OF REGISTERS ASSOCIATED WITH FIXED VOLTAGE REFERENCE
REGISTER 13-1:
FVR1CON0: FIXED VOLTAGE REFERENCE CONTROL REGISTER
R/W-0/0
R-q/q
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
FVREN
FVRRDY
FVROE
FVRBUFSS1 FVRBUFSS0
FVRBUFEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
FVREN: Fixed Voltage Reference Enable bit
0
= Fixed Voltage Reference is disabled
1
= Fixed Voltage Reference is enabled
bit 6
FVRRDY: Fixed Voltage Reference Ready Flag bit
0
= Fixed Voltage Reference output is not ready or not enabled bit
1
= Fixed Voltage Reference output is ready for use
bit 5
FVROE: Voltage Reference Output Pin Buffer Enable bit
0
= Output pass gate is disabled
1
= Output pass gate is enabled
bit 4-3
FVRBUFSS<1:0>: Voltage Reference Pin Buffer Source Select bits
00
= Selects the output of the band gap as the input
01
= DAC output
10
= Op amp buffered output
11
= Selects FVRIN (RA1)
bit 2-1
Unimplemented: Read as ‘0’
bit 0
FVRBUFEN: Voltage Reference Output Pin Buffer Enable bit
0
= Output buffer is disabled
1
= Output buffer is enabled
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
FVR1CON0
FVREN
FVRRDY
FVROE
FVRBUFSS1
FVRBUFSS0
—FVRBUFEN
116
Legend:
Shaded cells are not used with the Fixed Voltage Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com