Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 113Page - Microchip Technology PIC16F753 Datasheet HTML 114Page - Microchip Technology PIC16F753 Datasheet HTML 115Page - Microchip Technology PIC16F753 Datasheet HTML 116Page - Microchip Technology PIC16F753 Datasheet HTML 117Page - Microchip Technology PIC16F753 Datasheet HTML 118Page - Microchip Technology PIC16F753 Datasheet HTML 119Page - Microchip Technology PIC16F753 Datasheet HTML 120Page - Microchip Technology PIC16F753 Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 117
PIC16F753/HV753
14.0
DIGITAL-TO-ANALOG
CONVERTER (DAC) MODULE
The Digital-to-Analog Converter supplies a variable
voltage reference, ratiometric with the input source,
with 512 selectable output levels.
The input of the DAC can be connected to:
•External VREF pins
•VDD supply voltage
• FVR (Fixed Voltage Reference)
The output of the DAC can be configured to supply a
reference voltage to the following:
• Comparator positive input
• ADC input channel
•DACXOUT pin
•Op amp
The Digital-to-Analog Converter (DAC) is enabled by
setting the DACEN bit of the DACxCON0 register.
14.1
Output Voltage Selection
The DAC has 512 voltage level ranges. The 512 levels
are set with the DACR<8:1> bits of the DACxREFH
register and DACR0 of the DACxREFL.
The DAC output voltage is determined by Equation 14-1:
EQUATION 14-1:
DAC OUTPUT VOLTAGE
14.2
Ratiometric Output Level
The DAC output value is derived using a resistor ladder
with each end of the ladder tied to a positive and
negative voltage reference input source. If the voltage
of either input source fluctuates, a similar fluctuation will
result in the DAC output value.
The value of the individual resistors within the ladder
can
be
found
in
Section 22.0
“Electrical
Specifications”.
14.3
DAC Voltage Reference Output
The DAC voltage can be output to the DACxOUT pins
by setting the DACOE1 bit of the DACxCON0 register.
Selecting the DAC reference voltage for output on the
DACXOUT pin automatically overrides the digital
output buffer and digital input threshold detector
functions of that pin. Reading the DACXOUT pin when
it has been configured for DAC reference voltage
output will always return a ‘0’.
Due to the limited current drive capability, a buffer must
be used on the DAC voltage reference output for
external
connections
to
either
DACXOUT
pin.
Figure 14-2 shows a buffering technique example.
14.4
DAC Justification
The DAC can be configured to be left or right justified
based on application needs. In order for justification to
work properly, all 16 bits of the DAC buffer register
(DACxREFH:DACxREFL register pair) must be loaded
in the correct sequence to get the effective 9-bit result.
In most applications, DACxREFL is written prior to
DACxREFH, regardless of justification. The DAC buffer
is loaded at the end of the write cycle that writes
DACxREFH register.
IF DACEN = 1
VSOURCE+ = VDD, VREF, OPA1OUTor FVR BUFFER 2
VSOURCE- = VSS
VOUT
VSOURCE+VSOURCE-
 DACR 8

2
9
------------------------


VSOURCE-
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com