Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 19 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 19 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 15Page - Microchip Technology DM160218 Datasheet HTML 16Page - Microchip Technology DM160218 Datasheet HTML 17Page - Microchip Technology DM160218 Datasheet HTML 18Page - Microchip Technology DM160218 Datasheet HTML 19Page - Microchip Technology DM160218 Datasheet HTML 20Page - Microchip Technology DM160218 Datasheet HTML 21Page - Microchip Technology DM160218 Datasheet HTML 22Page - Microchip Technology DM160218 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
MGC3130 HILLSTAR DEVELOPMENT KIT
USER’S GUIDE
 2013 Microchip Technology Inc.
DS40001721A-page 19
Chapter 2. Getting Started
Hillstar Development Kit can be used as a stand-alone GestIC system and evaluated
in conjunction with the Aurea PC software. This section describes how to get started.
2.1
PREREQUISITES
The following prerequisites have to be fulfilled:
• PC with Windows® XP, Windows 7 or Windows 8 operating system and USB port
and minimum screen resolution of 1024x768
• Hillstar Development Kit (MGC3130 Unit, I2C to USB Bridge, 95x60 mm frame
electrode)
• MGC3130 Software Package 0.4 and following versions
The MGC3130 Software Package is available as a .zip file. Unzip the file, run
setup.exe and install the package to your PC. The folder structure is as shown in
Figure 2-1.
FIGURE 2-1:
FOLDER STRUCTURE
2.2
STEP 1: BUILD-UP DEVELOPMENT KIT
Connect Electrodes, MGC3130 Unit and I2C to USB Bridge as shown in Figure 2-2.
Note: Make sure the MGC3130 Unit and the I2C USB Bridge are already con-
nected before plugging in the USB connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com