Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 45 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 45 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 41Page - Microchip Technology DM160218 Datasheet HTML 42Page - Microchip Technology DM160218 Datasheet HTML 43Page - Microchip Technology DM160218 Datasheet HTML 44Page - Microchip Technology DM160218 Datasheet HTML 45Page - Microchip Technology DM160218 Datasheet HTML 46Page - Microchip Technology DM160218 Datasheet HTML 47Page - Microchip Technology DM160218 Datasheet HTML 48Page - Microchip Technology DM160218 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Parameterization Support
 2013 Microchip Technology Inc.
DS40001721A-page 45
5. Solder a thin wire (approx. 50 cm) on the top of the brick which will be con-
nected later to ground.
6. Finished.
C.2
USAGE OF THE HAND BRICK AS ARTIFICIAL HAND
For parameterization and performance evaluation purposes of the customer’s
electrode design, the kit contains a set of hand and spacer bricks. This artificial hand
brick simulates Human Hand effect and is made of a Styrofoam block covered with light
copper and has a fixed size. Spacer bricks (Styrofoam block without copper layer) are
used to position the hand brick in different heights to the electrode. Because of a εr≈1of
Styrofoam, the spacer brick does not influence the measurement results.
For quick parameterization, the ground wire connected to the hand brick should be
maintained using your hand which emulates the ground connection. The wire should
be hold at 50 cm minimum and the line should also be straight to avoid any influence
to the system sensitivity as shown in Figure C-1.
For parameterization process, please refer to “MGC3130 GestIC® Design Guide” and
the appropriate wizards in Aurea PC software.
Thin wire for grounding (e.g.
0,15mm diameter, 50cm length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com