Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 28 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 28 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 24Page - Microchip Technology DM160218 Datasheet HTML 25Page - Microchip Technology DM160218 Datasheet HTML 26Page - Microchip Technology DM160218 Datasheet HTML 27Page - Microchip Technology DM160218 Datasheet HTML 28Page - Microchip Technology DM160218 Datasheet HTML 29Page - Microchip Technology DM160218 Datasheet HTML 30Page - Microchip Technology DM160218 Datasheet HTML 31Page - Microchip Technology DM160218 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
MGC3130 Hillstar Development Kit User’s Guide
DS40001721A-page 28
 2013 Microchip Technology Inc.
The I2C to USB Bridge is powered via the USB port. Microchip’s Low Dropout (LDO)
Voltage Regulator MCP1801 is used to transform the 5V USB power to 3.3V required
for the PIC18F14K50. By default, 3.3V are also routed to the MGC3130 Unit via the I2C
interface. The 3.3V power supply towards the MGC3130 Unit can be cut by removing
the 0
 resistor R7.
The LEDs indicate the following:
• POWER – signals that the I2C to USB Bridge is powered (3.3V)
• LED1 – blinks fast (~10 Hz) to indicate that there is no USB connection
established
• LED1 – blinks slow (~1 Hz) to indicate that the USB connection is established
• LED 2 – is on when there is data on the I2C bus
• LED 2 – is off when there is no data on the I2C bus
The communication between Bridge and MGC3130 Unit is accomplished via a 2-wire
I2C compatible serial port. Please refer to Figure 3-7.
In addition, the Hillstar Development Kit integrates an open-drain transfer status line
(TS) and the MGC3130 MCLR signal, according to the MGC3130 reference circuitry.
TS is connected to the RC0 pin of the PIC18F14K50 and MCLR to RC6.
For a detailed description of the I2C interface refer to the “MGC3130 Single-Zone 3D
Gesture Controller Data Sheet” (DS40001667).
The default I2C address of the bridge is set to 0x42 but can also be switched to 0x43
by changing the firmware running on the PIC18F14K50.
FIGURE 3-7:
I2C™ AND USB DATA INTERFACE
For Schematics, Layout and Bill of Material of the I2C to USB Bridge please refer to
Appendix A.
Note: To update the PIC18F14K50 firmware, please refer to ‘MGC3130
PIC18F14K50 Host Reference Code’, available on
www.microchip.com/GestICGettingStarted.’
PIC18F14K50
RB4
RB6
RC0
RC6
RA0
RA1
SDA
SCL
TS
3.3V
MCLR
MGC3130
SI0
SI1
EIO0
MCLR
I
2CTM to USB Bridge
MGC3130 Unit
USB D+
USB D-
USB
I
2CTM Master
I
2CTM Slave
PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com