Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 20 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 20 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 16Page - Microchip Technology DM160218 Datasheet HTML 17Page - Microchip Technology DM160218 Datasheet HTML 18Page - Microchip Technology DM160218 Datasheet HTML 19Page - Microchip Technology DM160218 Datasheet HTML 20Page - Microchip Technology DM160218 Datasheet HTML 21Page - Microchip Technology DM160218 Datasheet HTML 22Page - Microchip Technology DM160218 Datasheet HTML 23Page - Microchip Technology DM160218 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
MGC3130 Hillstar Development Kit User’s Guide
DS40001721A-page 20
 2013 Microchip Technology Inc.
FIGURE 2-2:
HILLSTAR DEVELOPMENT KIT ASSEMBLING
2.3
STEP 2: CONNECTING HILLSTAR DEVELOPMENT KIT WITH YOUR PC
Use the supplied USB cable to connect the Hillstar Development Kit to your PC. The
Power LEDs on both, I2C to USB Bridge and MGC3130 Unit will illuminate.
Furthermore, LED 1 on the I2C to USB Bridge will flash very fast (~10 Hz). In case LED
1 is flashing slow (~1 Hz), the Windows CDC driver is already installed on your PC.
Please skip the next step and go to Section 2.5 “Step 4: Start Aurea”.
2.4
STEP 3: INSTALL WINDOWS CDC DRIVER
The Windows CDC driver can be found in the MGC3130 Software Package in folder
04_Driver.
When the Hillstar Development Kit is connected to your PC for the first time, Windows
requests the appropriate device driver and guides you through the installation process.
Alternatively, you can install the driver manually, (e.g., using the device manager). An
example for Windows 7 is given in Appendix D. “Driver Installation Manual”.
2.5
STEP 4: START AUREA
Aurea Graphical User Interface, shown in Figure 2-3, is included in the MGC3130
Software Package in the folder 02_Aurea.
Open Aurea.exe. Aurea detects the connected device automatically and is ready for
use.
I2C™ to USB Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com