Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 23 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 23 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 19Page - Microchip Technology DM160218 Datasheet HTML 20Page - Microchip Technology DM160218 Datasheet HTML 21Page - Microchip Technology DM160218 Datasheet HTML 22Page - Microchip Technology DM160218 Datasheet HTML 23Page - Microchip Technology DM160218 Datasheet HTML 24Page - Microchip Technology DM160218 Datasheet HTML 25Page - Microchip Technology DM160218 Datasheet HTML 26Page - Microchip Technology DM160218 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
MGC3130 HILLSTAR DEVELOPMENT
KIT USER’S GUIDE
 2013 Microchip Technology Inc.
DS40001721A-page 23
Chapter 3. Hillstar Boards – Hardware Description
3.1
OVERVIEW
The Hillstar key components are listed below and highlighted in Figure 3-1.
FIGURE 3-1:
HILLSTAR DEVELOPMENT KIT OVERVIEW
3.1.1
I2C™ to USB Bridge
1. PIC18F14K50 USB microcontroller
2. USB mini-B connector
3. MCP1801T LDO voltage regulator (converts 5V USB to 3.3 V board supply)
4. Status LEDs (power, communication status)
5. Data interface: 6-pin socket for data communication and power supply
3.1.2
MGC3130 Unit
6. MGC3130 3D Tracking and Gesture Controller
7. Data interface: 6-pin header for data communication and power supply
8. Status LED (power)
9. Interface select
10. Electrode interface: 7-pin socket
3.1.3
95x60 mm Reference Electrode PCB
11. Receive electrodes
12. Acrylic cover glass (120 x 85 x 2 mm)
13. Electrode interface: 7-pin header (mounted on backside)
1
3
9
6
8
2
4
5
7
10
11
13
12
I2C™ to USB Bridge
MGC3130 Unit
Reference Electrode PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com