Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 42 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 42 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 38Page - Microchip Technology DM160218 Datasheet HTML 39Page - Microchip Technology DM160218 Datasheet HTML 40Page - Microchip Technology DM160218 Datasheet HTML 41Page - Microchip Technology DM160218 Datasheet HTML 42Page - Microchip Technology DM160218 Datasheet HTML 43Page - Microchip Technology DM160218 Datasheet HTML 44Page - Microchip Technology DM160218 Datasheet HTML 45Page - Microchip Technology DM160218 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
MGC3130 Hillstar Development Kit User’s Guide
DS40001721A-page 42
 2013 Microchip Technology Inc.
FIGURE B-2:
SENSITIVITY PROFILE FROM NORTH TO SOUTH
B.3
ELECTRODE CAPACITIES
The capacitances between the Rx electrodes and GND (CRxG) does not include the 5
pF input capacitance of the MGC3130 Rx input buffer (CBuf).
CTxG = 590 pF
320
339
354 355 353
329
292
266
227
193
150
131
103
84
64
78 90
110
135
171
207
255
283
319
350
375 382 382
363
334
0
50
100
150
200
250
300
350
400
450
500
distance to North
North -> South
SD North
SD East
SD South
SD West
SD Center
SD: Signal Deviation
TABLE B-3:
HILLSTAR ELECTRODE CAPACITIES
Channel
CRxG
CRxTx
North
9 pF
20 pF
East
9 pF
18 pF
South
9 pF
20 pF
West
8 pF
18 pF
Center
7 pF
65 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com