Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 16 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 16 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 12Page - Microchip Technology DM160218 Datasheet HTML 13Page - Microchip Technology DM160218 Datasheet HTML 14Page - Microchip Technology DM160218 Datasheet HTML 15Page - Microchip Technology DM160218 Datasheet HTML 16Page - Microchip Technology DM160218 Datasheet HTML 17Page - Microchip Technology DM160218 Datasheet HTML 18Page - Microchip Technology DM160218 Datasheet HTML 19Page - Microchip Technology DM160218 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MGC3130 Hillstar Development Kit User’s Guide
DS40001721A-page 16
 2013 Microchip Technology Inc.
TABLE 1-1:
ELECTRODE DIMENSIONS
Sensitive Area
140x90 mm
95x60 mm(1)
80x80 mm
100x50 mm
50x30 mm
30x30 mm(2)
Version
1.0
1.0
1.0
1.0
1.0
1.0
Layer
22
2
2
2
2
Aspect Ratio
approx. 3:2
approx. 3:2
1:1
approx. 2:1
5:3
1:1
A
168 mm
120 mm
104 mm
128 mm
63 mm
49 mm
B
119 mm
85 mm
104 mm
72 mm
47 mm
49 mm
C
138 mm
95,7 mm
79.8 mm
103,6 mm
50 mm
31.8 mm
D
88,7 mm
60,5 mm
79.8 mm
99,6 mm
46 mm
27,3 mm
E
131,7 mm
91,7 mm
75,8 mm
99,6 mm
46 mm
27,3 mm
F
5 mm
5 mm
5 mm
5 mm
2,5 mm
3,5 mm
G
128 mm
85,7 mm
69,8 mm
93,6 mm
44 mm
25,8 mm
H
78,7 mm
50, 5 mm
69, 8 mm
36, 8 mm
24 mm
25,8 mm
Center Electrode
cross-hatching
3%
3%
5%
5%
5%
5%
Tx Electrode
cross-hatching
-under center
electrode
-outside center
electrode
50 %
20 %
50%
20%
50%
20%
50 %
20 %
50 %
20 %
50 %
20 %
Note 1:
These dimensions are also valid for 95x60 mm sensor module.
2:
These dimensions are also valid for 30x30 mm sensor module except the B dimension which is equal to
52 and Tx electrode which is solid instead of cross-hatched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com