Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 27 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 27 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 23Page - Microchip Technology DM160218 Datasheet HTML 24Page - Microchip Technology DM160218 Datasheet HTML 25Page - Microchip Technology DM160218 Datasheet HTML 26Page - Microchip Technology DM160218 Datasheet HTML 27Page - Microchip Technology DM160218 Datasheet HTML 28Page - Microchip Technology DM160218 Datasheet HTML 29Page - Microchip Technology DM160218 Datasheet HTML 30Page - Microchip Technology DM160218 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Hillstar Boards – Hardware Description
 2013 Microchip Technology Inc.
DS40001721A-page 27
FIGURE 3-5:
PCB LAYER STACK
In a target system design the GND layer is not required. It is added for the Hillstar sens-
ing electrode as a shielding layer and shall simulate the presence of static components
which are placed in a target device underneath the sensing electrodes.
3.4
I2C TO USB BRIDGE
Connecting the MGC3130 Unit to a PC requires an I2C to USB Bridge. The Hillstar
Bridge works as a Composite Device Class (CDC). It controls the USB transfer towards
the host PC and handles the I2C communication with the MGC3130 Unit. Moreover, it
provides 3.3V power supply and the MCLR signal to the MGC3130 Unit.
The bridge function is handled by Microchip’s PIC18F14K50 USB microcontroller.
The board is equipped with a mini USB connector (Type A) and a 2 mm 6-pin female
board-to-board connector for the I2C interface. The interface to the MGC3130 Unit
includes the following signals: EIO0, 3.3V, GND, SDA0, SCL0, and MCLR. Please refer
to Figure 3-6.
FIGURE 3-6:
I2C™ TO USB BRIDGE
Tx: 35 µm
Tx
Rx : 18 µm
GND: 18 µm
Not Used: 35 µm
0.25 mm
0.15 mm
Top layer
Bottom
layer
2
nd layer
3
rd layer
Rx feeding line
Note: Please refer to the “MGC3130 GestIC® Design Guide” for the electrodes
equivalent circuitry, capacitances (CRxTx, CRxG, TxRxG) and their typical
values.
™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com