Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 29 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 29 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 25Page - Microchip Technology DM160218 Datasheet HTML 26Page - Microchip Technology DM160218 Datasheet HTML 27Page - Microchip Technology DM160218 Datasheet HTML 28Page - Microchip Technology DM160218 Datasheet HTML 29Page - Microchip Technology DM160218 Datasheet HTML 30Page - Microchip Technology DM160218 Datasheet HTML 31Page - Microchip Technology DM160218 Datasheet HTML 32Page - Microchip Technology DM160218 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
MGC3130 HILLSTAR DEVELOPMENT
KIT USER’S GUIDE
 2013 Microchip Technology Inc.
DS40001721A-page 29
Chapter 4. Design In: Hillstar In Target Application
4.1
INTRODUCTION
The Hillstar Development Kit is designed to support an easy integration of Microchip’s
MGC3130 3D Tracking and Gesture Controller into customer’s applications.
The three Hillstar PCBs can be plugged to a PC via USB cable and used for
evaluation of MGC3130 chip and GestIC technology.
During the customer’s design-in process the individual boards can be combined
according to the customers need.
Three examples are given below:
• Combine MGC3130 Unit and I2C to USB Bridge to evaluate customized
electrodes
•Use I2C to USB Bridge to parameterize and debug the MGC3130 application
circuitry in the customer’s design (in-circuit)
• Combine MGC3130 Unit and Electrodes to develop gesture-driven applications
for PC-based or embedded software environments
For in-circuit parameterization and debugging it is mandatory to control the MGC3130
via Aurea Control Software. For that purpose, the customer’s application should
provide an appropriate hardware or software interface.
4.2
INTEGRATION EXAMPLES
The following figures show typical hardware circuits for MGC3130 integration into a
customer’s application.
Figure 4-1 and Figure 4-2 show the control via I2C and an external PC. The Hillstar I2C
to USB Bridge acts as an I2C master, the application processor I2C should be:
• Switched off (I2C lines configured as high Z, refer to Figure 4-1)
• Switched to Slave or Listen mode or
• Disconnected (through an external switch, refer to Figure 4-2)
As an alternative, it is also possible to establish an USB connection between the appli-
cation processor and a PC without using an I2C to USB Bridge. Please refer to Figure
4-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com