Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 26 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 26 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 22Page - Microchip Technology DM160218 Datasheet HTML 23Page - Microchip Technology DM160218 Datasheet HTML 24Page - Microchip Technology DM160218 Datasheet HTML 25Page - Microchip Technology DM160218 Datasheet HTML 26Page - Microchip Technology DM160218 Datasheet HTML 27Page - Microchip Technology DM160218 Datasheet HTML 28Page - Microchip Technology DM160218 Datasheet HTML 29Page - Microchip Technology DM160218 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
MGC3130 Hillstar Development Kit User’s Guide
DS40001721A-page 26
 2013 Microchip Technology Inc.
FIGURE 3-4:
ELECTRODE LAYOUT
The electrode PCB is based on a 4-layer PCB design using FR4 material. Three
functional layers are used:
• Layer 1 (Top): Rx electrodes
• Layer 3: Tx electrode and Rx feeding lines
• Layer 4 (Bottom): Ground
Layer 2 is not used.
TABLE 3-2:
HILLSTAR ELECTRODE DIMENSIONS
Length
Width
Design
Horizontal Electrodes (Rx)
91.7 mm
5 mm
solid
Vertical Electrodes (Rx)
70.5 mm
5 mm
solid
Center Electrode (Rx)
85.7 mm
50.5 mm
3% cross-hatched
Tx Electrode (refer to
Figure 3-4)
Part I (under center electrode)
Part II (outside Part I)
120 mm
85.7 mm
120 mm
85 mm
50.5 mm
85 mm
50% cross-hatched
20% cross-hatched
Ground Area
120 mm
85 mm
solid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com