Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 24 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 24 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 20Page - Microchip Technology DM160218 Datasheet HTML 21Page - Microchip Technology DM160218 Datasheet HTML 22Page - Microchip Technology DM160218 Datasheet HTML 23Page - Microchip Technology DM160218 Datasheet HTML 24Page - Microchip Technology DM160218 Datasheet HTML 25Page - Microchip Technology DM160218 Datasheet HTML 26Page - Microchip Technology DM160218 Datasheet HTML 27Page - Microchip Technology DM160218 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
MGC3130 Hillstar Development Kit User’s Guide
DS40001721A-page 24
 2013 Microchip Technology Inc.
The Gerber data of all Hillstar Development Kit components are included in the
MGC3130 Hillstar Hardware Reference package and can be downloaded from
Microchip’s web site www.microchio.com/GestICGettingStarting.
3.2
MGC3130 UNIT
The key element of the MGC3130 Unit is Microchip’s MGC3130 3D Tracking and
Gesture Controller. The layout print of the unit is shown in Figure 3-2.
FIGURE 3-2:
MGC3130 UNIT
The unit provides a 2 mm 7-pin board-to-board connector (socket) to connect the
electrode. The interface includes the following signals: GND, Rx4, Rx3, Tx, Rx2, Rx1,
and Rx0. Alternatively, the board-to-board connector can be replaced by a 1 mm
Flexible Printed Circuitry (FPC) connector which is prepared as a design option. The
five Rx channels of the MGC3130 (Rx0…Rx4) are connected to the receive electrodes
via 10 k
 resistors in order to suppress irradiated high-frequency signals (R11, R12,
R13, R14, and R15). The MGC3130 signal generator is connected via the Tx signal to
the transmit electrode.
The data connection to the Hillstar I2C to USB Bridge is realized by a 6-pin 2 mm
board-to-board connector (header). The interface includes the following signals: EIO0,
3.3V, GND, SDA0, SCL0, and MCLR. Alternatively, it is possible to use a 1 mm FPC
connector which can be assembled to the bottom side.
The MGC3130 unit acts as an I2C slave device. Table 3-1 shows the configuration of
the MGC3130 interface selection pins (IS1, IS2) which can be pulled to VDD or to GND
via resistors (R3, R4, R5, and R6) to select the I2C slave address. The I2C device
address 0x42 is set as default.
For Schematics, Layout and Bill of Material of the MGC3130 Unit please refer to
Appendix A.
TABLE 3-1:
MGC3130 UNIT I2C™ INTERFACE SELECTION
MGC3130 Interface
Selection Pins
Mode (Address)
Assembly Option
IS2
IS1
R3
R4
R5
R6
00
I2C™0 Slave Address = 0x42 (default)
n.p.
10 k
n.p.
10 k
10
I2C™0 Slave Address = 0x43
10 k
n.p.
n.p.
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com