Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 36 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 36 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 32Page - Microchip Technology DM160218 Datasheet HTML 33Page - Microchip Technology DM160218 Datasheet HTML 34Page - Microchip Technology DM160218 Datasheet HTML 35Page - Microchip Technology DM160218 Datasheet HTML 36Page - Microchip Technology DM160218 Datasheet HTML 37Page - Microchip Technology DM160218 Datasheet HTML 38Page - Microchip Technology DM160218 Datasheet HTML 39Page - Microchip Technology DM160218 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
MGC3130 Hillstar Development Kit User’s Guide
DS40001721A-page 36
 2013 Microchip Technology Inc.
TABLE A-3:
HILLSTAR – MGC3130 UNIT BILL OF MATERIALS
Qty.
Description
Name
1
Connector, 2 mm socket 7-pin, SMD
BU1
1
Connector, 2 mm header 6-pin, SMD
ST1
1
Capacitor, 100 nF, 10%, X7R, SMD 0402
C1
2
Capacitor, 4,7 µF, 20%, X5R, 6.3V, SMD 0402
C2, C3
1
LED, 571 nm green clear, 0603 SMD
D2
1
IC, MGC3130, 28-Pin QFN
IC1
2
Resistor, 1,8 kΩ, 1%, 1/16W, SMD 0402
R1, R2
8
Resistor, 10 kΩ, 1%, 1/16W, SMD 0603
R4, R6, R7,
R11, R12, R13,
R14, R15
1
Resistor, 0 kΩ, 1%, 1/16W, SMD 0402
R16
1
Resistor, 10 kΩ, 1%, 1/16W, SMD 0402
R17
1
Resistor, 1 kΩ, 1%, 1/16W, SMD 0402
R18
TABLE A-4:
HILLSTAR – MGC3130 UNIT MOUNTING OPTION
Qty.
Description
Name
1
Connector, 1 mm FPC 6-pin, SMD
ST3
A-5:
HILLSTAR – ELECTRODE BILL OF MATERIALS
Qty.
Description
Name
1
Connector, 2 mm header 7-pin, SMD
ST1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com