Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160218 Datasheet(PDF) 35 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 35 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 31Page - Microchip Technology DM160218 Datasheet HTML 32Page - Microchip Technology DM160218 Datasheet HTML 33Page - Microchip Technology DM160218 Datasheet HTML 34Page - Microchip Technology DM160218 Datasheet HTML 35Page - Microchip Technology DM160218 Datasheet HTML 36Page - Microchip Technology DM160218 Datasheet HTML 37Page - Microchip Technology DM160218 Datasheet HTML 38Page - Microchip Technology DM160218 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
MGC3130 HILLSTAR DEVELOPMENT
KIT USER’S GUIDE
 2013 Microchip Technology Inc.
DS40001721A-page 35
Appendix A. Schematics
A.1
INTRODUCTION
This appendix contains the MGC3130 Hillstar Development Kit schematic and Bill of
Materials.
A.2
BILL OF MATERIALS
TABLE A-1:
I2C™ TO USB BRIDGE BILL OF MATERIALS
Qty.
Description
Name
1
Connector, Mini USB 5-pin Type B, SMD
BU1
1
Connector, 2 mm socket 6-pin, SMD
BU2
1
Capacitor, 100 nF, 10%, X7R, SMD 0402
C1
3
Capacitor, 1 µF, 10%, X5R, 10 V, SMD 0402
C2, C3, C5
1
Capacitor, 10 µF, 20%, X5R, 6.3 V, SMD 0603
C4
3
LED, 571 nm, green clear, 0603 SMD
D1, D2, D3
1
IC, MCP1801T LDO, Voltage Regulator, 3.3V, 150 mA, 5-Pin SOT-23
IC1
1
IC, PIC18F14K50 USB Flash Microcontroller, 20-Pin SSOP
IC2
3
Resistor, 1 kΩ, 1%, 1/16W, SMD 0402
R3, R4, R6
1
Resistor, 150 kΩ, 1%, 1/16W, SMD 0402
R5
1
Resistor, 0 kΩ, 1%, 1/16W, SMD 0603
R7
1
Crystal, 12 MHz, 33 pF, SMD
XTAL1
TABLE A-2:
HILLSTAR – I2C™ TO USB BRIDGE MOUNTING OPTION
Qty.
Description
Name
1
Connector, 1 mm FPC 6-pin, SMD
ST1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com