Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8028 Datasheet HTML 1Page - Texas Instruments ADS8028 Datasheet HTML 2Page - Texas Instruments ADS8028 Datasheet HTML 3Page - Texas Instruments ADS8028 Datasheet HTML 4Page - Texas Instruments ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PACKAGE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
PACKAGE MARKING
TRANSPORT MEDIA
Tape and Reel
ADS8028
QFN-20
RTJ
ADS8028IRTJ
Tape and Reel
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
AVDD to DGND, AGND
–0.3 to +7
V
DVDD to DGND, AGND
–0.3 to AVDD + 0.3
V
DGND to AGND
–0.3 to +0.3
V
Analog input (AIN0 to AIN7) to AGND
–0.3 to AVDD + 0.3
V
Digital input (CS, DIN, SCLK, PD/RST) to DGND
–0.3 to DVDD + 0.3
V
Digital output (DOUT, TM_BUSY) to DGND
–0.3 to DVDD + 0.3
V
REF to AGND
AVDD + 0.3
V
Input current to any pin (except supply), continuous
±10
mA
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Maximum junction temperature
+150
°C
Human body model (HBM)
±2000
V
Electrostatic discharge
(ESD) ratings:
Charge device model (CDM)
±500
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com