Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments ADS8028 Datasheet HTML 10Page - Texas Instruments ADS8028 Datasheet HTML 11Page - Texas Instruments ADS8028 Datasheet HTML 12Page - Texas Instruments ADS8028 Datasheet HTML 13Page - Texas Instruments ADS8028 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
5
8
11
14
17
20
0
200
400
600
800
1000
Throughput (kSPS)
AVDD = 3 V
DVDD = 3 V
G016
10
14
18
22
26
30
0
200
400
600
800
1000
Throughput (kSPS)
AVDD = 5 V
DVDD = 5 V
G017
0
1
2
3
4
2.7
3.2
3.7
4.2
4.7
5.2
AVDD, Analog Supply Voltage (V)
125°C
85°C
25°C
−40°C
G018
0
1
2
3
4
5
6
0
200
400
600
800
1000
Throughput (kSPS)
AVDD = 3 V
DVDD = 3 V
G019
0
1
2
3
4
5
6
0
200
400
600
800
1000
Throughput (kSPS)
AVDD = 5 V
DVDD = 5 V
G020
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
−15
10
35
60
85
110 125
Maximum DNL
Minimum DNL
Free−Air Temperature (°C)
G021
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots at TA = +25°C, AVDD = 3.0 V, DVDD = 3.0 V,
fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V internal, unless otherwise noted.
AVDD POWER vs THROUGHPUT
AVDD POWER vs THROUGHPUT
(AVDD = 3 V)
(AVDD = 5 V)
Figure 14.
Figure 15.
AVDD CURRENT vs THROUGHPUT
POWER-DOWN CURRENT vs AVDD AT VARIOUS
TEMPERATURES
(AVDD = 3 V)
Figure 16.
Figure 17.
AVDD CURRENT vs THROUGHPUT
(AVDD = 5 V)
DNL vs TEMPERATURE
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com