Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 4Page - Texas Instruments ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments ADS8028 Datasheet HTML 10Page - Texas Instruments ADS8028 Datasheet HTML 11Page - Texas Instruments ADS8028 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
300
350
400
450
500
Input Frequency (kHz)
fSAMPLE = 1.176 MHz
fIN = 41.68 kHz
fSCLK = 20 MHz
SNR = 72.7 dB
THD = −93.6 dB
G000
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
1
1.5
2
2.5
3
3.5
4
4.5
5
Maximum INL
Minimum INL
Reference Voltage (V)
AVDD = 5 V
DVDD = 5 V
External Reference Mode
G001
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
ADC Output Code (LSB)
G002
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
1
1.5
2
2.5
3
3.5
4
4.5
5
Maximum DNL
Minimum DNL
Reference Voltage (V)
AVDD = 5 V
DVDD = 5 V
External Reference Mode
G003
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
ADC Output Code (LSB)
G004
8
9
10
11
12
1
2
3
4
5
Reference Voltage (V)
AVDD = 5 V
DVDD = 5 V
External Reference Mode
G006
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS
All plots at TA = +25°C, AVDD = 3.0 V, DVDD = 3.0 V,
fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V internal, unless otherwise noted.
TYPICAL FFT
INL vs VREF
Figure 2.
Figure 3.
TYPICAL ADC INL
DNL vs VREF
Figure 4.
Figure 5.
TYPICAL ADC DNL
ENOB vs VREF
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com